Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3527A Datasheet(PDF) 5 Page - ON Semiconductor

Part # SG3527A
Description  PULSE WIDTH MODULATOR CONTROL CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SG3527A Datasheet(HTML) 5 Page - ON Semiconductor

  SG3527A Datasheet HTML 1Page - ON Semiconductor SG3527A Datasheet HTML 2Page - ON Semiconductor SG3527A Datasheet HTML 3Page - ON Semiconductor SG3527A Datasheet HTML 4Page - ON Semiconductor SG3527A Datasheet HTML 5Page - ON Semiconductor SG3527A Datasheet HTML 6Page - ON Semiconductor SG3527A Datasheet HTML 7Page - ON Semiconductor SG3527A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SG3525A SG3527A
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Oscillator Charge Time versus RT
Figure 2. Oscillator Discharge Time versus RD
Figure 3. Error Amplifier Open Loop
Frequency Response
Figure 4. Output Saturation
Characteristics (SG3525A)
2.0
5.0 10
20
50
100 200 500 1000 2000 5000 10,000
CHARGE TIME (
µs)
6
57
RD *
CT
RT
* RD = 0 Ω
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
DISCHARGE TIME (
µs)
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
1
2
9
CP
RZ
f, FREQUENCY (Hz)
+
RZ = 20 k
Vref
RT
CT
Sync
Discharge
Gnd
16
6
5
3
7
12
Q2
Q1
Q6
Q9
2.0k
2.0k
14k
Q10
Q11
5.0pF
400
µA
23k
Q4
Q7
1.0k
Q12
Q13
3.0k
250
4
Blanking
To Output
Ramp
To PWM
Q14
25k
7.4k
Q5
Q8
Q3
OSC Output
1.0k
15
Q3
VCC
9
30
Compensation
1
2
Q4
Q1
Q2
Inverting
Input
5.8V
100
µA
To PWM
Comparator
200
µA
Noninverting
Input
Figure 5. Oscillator Schematic (SG3525A)
0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3
0.5 0.7 1.0
IO, OUTPUT SOURCE OR SINK CURRENT (A)
Sink Sat, (VOL)
Source Sat, (VC–VOH)
VCC = +20 V
TJ = +25°C
Figure 6. Error Amplifier Schematic (SG3525A)
200
100
50
20
10
5.0
2.0
500
400
300
200
100
0
100
80
60
40
20
0
–20
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0


Similar Part No. - SG3527A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
SG3527A LINER-SG3527A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Microsemi Corporation
SG3527A MICROSEMI-SG3527A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
SG3527A ETC2-SG3527A Datasheet
1Mb / 42P
   PACKAGE INFORMATION
logo
Microsemi Corporation
SG3527A MICROSEMI-SG3527A Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG3527ADW MICROSEMI-SG3527ADW Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG3527A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3525A MOTOROLA-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com