Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4935B Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # U4935B
Description  SECAM Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4935B Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button U4935B Datasheet HTML 5Page - TEMIC Semiconductors U4935B Datasheet HTML 6Page - TEMIC Semiconductors U4935B Datasheet HTML 7Page - TEMIC Semiconductors U4935B Datasheet HTML 8Page - TEMIC Semiconductors U4935B Datasheet HTML 9Page - TEMIC Semiconductors U4935B Datasheet HTML 10Page - TEMIC Semiconductors U4935B Datasheet HTML 11Page - TEMIC Semiconductors U4935B Datasheet HTML 12Page - TEMIC Semiconductors U4935B Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
U4935B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 28-Jan-97
9 (16)
Demodulator
The bell filter delivers the C signal via a limiter amplifier
to the demodulator. The demodulator is of a phase-locked
loop (PLL) type VCO and a phase-emitter coupled
multivibrator with the limiter output and is fed back to the
VCO. The free-running frequency is adjusted by charging
or discharging the capacitor at Pin 8 during the vertical
blanking and is held during scanning.
Therefore, the IC needs no adjustment to enable constant
operation
The low-frequency de-emphasis is matched to the PLL
and is controlled by the tuning voltage of the PLL.
The capacitor, C8, should be connected as close as
possible to the ground pin of the package. If this is not
ensured, a black-level error for both channels may result.
De–
emphasis
Limiter
Tuning
LPF
VCO
PLL
VBLK pulse
Bell-filter
output
C
8
PLL
ref
8
to H,
V blanking
9611721
Figure 18. Block diagram of the demodulator


Similar Part No. - U4935B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U4906 ETC2-U4906 Datasheet
126Kb / 3P
   Rotary code switches
logo
TEMIC Semiconductors
U490B TEMIC-U490B Datasheet
84Kb / 6P
   One-Shot Phase Control
logo
List of Unclassifed Man...
U490B ETC1-U490B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
U4916 ETC2-U4916 Datasheet
126Kb / 3P
   Rotary code switches
U4941 ETC2-U4941 Datasheet
126Kb / 3P
   Rotary code switches
More results

Similar Description - U4935B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
TDA8490 ETC1-TDA8490 Datasheet
605Kb / 9P
   SECAM DECODER
logo
KODENSHI_AUK CORP.
KKA8395N KODENSHI-KKA8395N Datasheet
242Kb / 7P
   SECAM decoder
logo
NXP Semiconductors
TDA8395 PHILIPS-TDA8395 Datasheet
58Kb / 10P
   SECAM decoder
October 1991
logo
Sony Corporation
CXA1214P SONY-CXA1214P Datasheet
562Kb / 14P
   SECAM COLOR DECODER
logo
Panasonic Semiconductor
AN5637 PANASONIC-AN5637 Datasheet
102Kb / 11P
   SECAM decoder IC
logo
Mitsubishi Electric Sem...
M52325AP MITSUBISHI-M52325AP Datasheet
80Kb / 13P
   SECAM DECODER(LINEAR INTEGRATED CIRCUIT)
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Integral Corp.
ILA8395 INTEGRAL-ILA8395 Datasheet
77Kb / 2P
   ICs for TV-SETS SECAM Decoder
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com