Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31025A-15TJI Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C31025A-15TJI
Description  5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025A-15TJI Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C31025A-15TJI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025A-15TJI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025A-15TJI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025A-15TJI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025A-15TJI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025A-15TJI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025A-15TJI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025A-15TJI Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
AS7C1025A
AS7C31025A
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and
product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no
responsibility for any errors that may appear in this document. The data contained herein represents Alliance’s best data and/or estimates at the time of issuance. Alliance reserves the right to
change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this
product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or
customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to
the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as
express agreed to in Alliance’s Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance’s Terms and
Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights
of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result
in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance
against all claims arising from such use.
2/6/01; V.0.9
Alliance Semiconductor
P. 8 of 8
Ordering codes
Part numbering system
Package \
Access time
Voltage
Temperature
10 ns
12 ns
15 ns
20 ns
TSOP II
5V
Commercial
AS7C1025A-10TC
AS7C1025A-12TC
AS7C1025A-15TC
AS7C1025A-20TC
Industrial
AS7C1025A-10TI
AS7C1025A-12TI
AS7C1025A-15TI
AS7C1025A-20TI
3.3V
Commercial
AS7C31025A-10TC
AS7C31025A-12TC
AS7C31025A-15TC
AS7C31025A-20TC
Industrial
AS7C31025A-10TI
AS7C31025A-12TI
AS7C31025A-15TI
AS7C31025A-20TI
300-mil SOJ
5V
Commercial
AS7C1025A-10TJC
AS7C1025A-12TJC
AS7C1025A-15TJC
AS7C1025A-20TJC
Industrial
AS7C1025A-10TJI
AS7C1025A-12TJI
AS7C1025A-15TJI
AS7C1025A-20TJI
3.3V
Commercial
AS7C31025A-10TJC
AS7C31025A-12TJC
AS7C31025A-15TJC
AS7C31025A-20TJC
Industrial
AS7C31025A-10TJI
AS7C31025A-12TJI
AS7C31025A-15TJI
AS7C31025A-20TJI
400-mil SOJ
5V
Commercial
AS7C1025A-10JC
AS7C1025A-12JC
AS7C1025A-15JC
AS7C1025A-20JC
Industrial
AS7C1025A-10JI
AS7C1025A-12JI
AS7C1025A-15JI
AS7C1025A-20JI
3.3V
Commercial
AS7C31025A-10JC
AS7C31025A-12JC
AS7C31025A-15JC
AS7C31025A-20JC
Industrial
AS7C31025A-10JI
AS7C31025A-12JI
AS7C31025A-15JI
AS7C31025A-20JI
AS7C
X
1025
–XX
X
X
SRAM
prefix
Blank=5V CMOS
3=3.3V CMOS
Device
number
Access
time
Package:
T = TSOP II
J = SOJ
Temperature range
C = Commercial, 0°C to 70°C
I = Industrial, -40°C to 85°C


Similar Part No. - AS7C31025A-15TJI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C31025A-HFC ETC2-AS7C31025A-HFC Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
AS7C31025A-HFC ATMEL-AS7C31025A-HFC Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - AS7C31025A-15TJI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com