Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKO55-08IO7 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VKO55-08IO7
Description  Single Phase Rectifier Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VKO55-08IO7 Datasheet(HTML) 1 Page - IXYS Corporation

  VKO55-08IO7 Datasheet HTML 1Page - IXYS Corporation VKO55-08IO7 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Features
• Package with copper base plate
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• 1/4" fast-on power terminals
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• Small and light weight
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747 refer to a single diode/thyristor unless otherwise stated
x for resistive load at bridge output. IXYS reserves the right to change limits, test conditions and dimensions.
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
800
800
xxx 55-08io7
1200
1200
xxx 55-12io7
1400
1400
xxx 55-14io7
1600
1600
xxx 55-16io7
xxx = type
I
dAV
= 53 A
V
RRM = 800-1600 V
Symbol
Test Conditions
Maximum Ratings
I
dAV
x
T
K = 85°C, module
53
A
I
dAVM
x
module
53
A
I
FRMS, ITRMS
per leg
41
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
550
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
500
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
550
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1520
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1520
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1250
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1250
A2s
(di/dt)
cr
T
VJ = 125°C
repetitive, I
T = 50 A
150
A/
ms
f = 50 Hz, t
P = 200 ms
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive, I
T = 1/2 • IdAV
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =
30
ms
£
10
W
I
T = ITAVM
t
p =
500
ms
£
5W
t
p =
10 ms
£
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
(M5)
5 ± 15 %
Nm
(10-32 UNF)
44 ± 15 %
lb.in.
Weight
110
g
Preliminary data
VHF 55 VHO 55
VKO 55 VKF 55 VGO 55
Single Phase
Rectifier Bridge
VHF 55
VHO 55
VKF 55
VGO 55
VKO 55


Similar Part No. - VKO55-08IO7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
More results

Similar Description - VKO55-08IO7

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com