Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXWW14-AL Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXWW14-AL
Description  Silicon Chip Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXWW14-AL Datasheet(HTML) 1 Page - IXYS Corporation

  IXWW14-AL Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
96522D (12/97)
Silicon Chip Resistors
Notes: 1. 25 °C values; resistance tolerance
±30 %; resistor temperature coefficient 1.02 %/ °C.
2. Chip resistor thermal resistance when soft-soldered in TO-247 case;
3. One resistor per chip;
4. Two resistors with one common connection per chip.
5. Max. operating chip temperature is 175 °C; Use this value when calculating chip maximum power dissipation
6. High precision chip resistors, lateral version, 2 and 4 OHM, 2.3 x 2.3 mm, on request
Metal: 4
mm Al or 1mm Al/Ti/Ni/Ag
Die Outline
Metal: 1
mm Al/Ti/Ni/Ag
Nomenclature
W - IXWW13 - AL
T - unsawed wafers
W - sawed wafer on foil
Part type
AL:
top side 4
mm Al
bottom side 1
mm Al/Ti/Ni/Ag
AG:
both sides 1
mm Al/Ti/Ni/Ag
R
R
Separtion groove on dual
resistor chips. (See note 4 above)
Silicon Chip Resistors are offered only conjunctively to purchase order of further IXYS chips
Part Type
Resistance
¬
Chip
Dimension
Chips per
Wafer
R
th ­
Notes
Wafer
Diameter
W
mm
mils
mm
K/W
IXWW 13-AL
1
2.0x2.88x0.43
79x113x17
1184
100
2.5
3
IXWW 14-AL
1
2.4x2.4x0.43
94x94x17
1184
100
2.5
3
IXWW 11-AL
3
1.4x1.4x0.43
55x55x17
3400
100
7.4
3
IXWW 22-AL
2x2
2.0x4.8x0.44
79x189x17
752
100
2x3.0
4
IXWW 25-AL
2x2.5
2.0x4.0x0.44
79x189x17
908
100
2x3.6
4
IXWW 27-AL
3
1.91x1.91x0.44
75x75x17
2034
100
4
3
IXWW 34-AG
5
2.4x2.4x0.48
94x94x17
1184
100
2.5
3
IXWW 34-AL
5
2.4x2.4x0.48
94x94x17
1184
100
2.5
3
IXWW 44-AG
10
2.4x2.4x0.50
94x94x20
1184
100
2.5
3
IXWW 44-AL
10
2.4x2.4x0.50
94x94x20
1184
100
2.5
3
IXYS reserves the right to change limits, test conditions and dimensions.


Similar Description - IXWW14-AL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
   Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com