Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358AW Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM358AW
Description  Low Power Dual Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358AW Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM358AW Datasheet HTML 2Page - STMicroelectronics LM358AW Datasheet HTML 3Page - STMicroelectronics LM358AW Datasheet HTML 4Page - STMicroelectronics LM358AW Datasheet HTML 5Page - STMicroelectronics LM358AW Datasheet HTML 6Page - STMicroelectronics LM358AW Datasheet HTML 7Page - STMicroelectronics LM358AW Datasheet HTML 8Page - STMicroelectronics LM358AW Datasheet HTML 9Page - STMicroelectronics LM358AW Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics
LM358W-LM358AW
6/16
VOPP
Output Voltage Swing ( RL = 2kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
0
0
VCC
+ -1.5
VCC
+ -2
VOH
High Level Output Voltage (VCC
+ = 30V)
Tamb = +25°C, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
Tamb = +25°C, RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
26
26
27
27
27
28
V
VOL
Low Level Output Voltage (RL = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
520
20
520
20
mV
SR
Slew Rate
VCC = 15V, Vi = 0.5 to 3V, RL = 2kΩ,
CL = 100pF, unity Gain
0.3
0.6
0.3
0.6
V/
µs
GBP
Gain Bandwidth Product
VCC = 30V, f =100kHz,Vin = 10mV, RL = 2kΩ,
CL = 100pF
0.7
1.1
0.7
1.1
MHz
THD
Total Harmonic Distortion
f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF, VO = 2Vpp
0.02
0.02
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100Ω, VCC = 30V
55
55
DVio
Input Offset Voltage Drift
7
15
7
30
µV/
°C
DIIio
Input Offset Current Drift
10
200
10
300
pA/
°C
Vo1/Vo2
Channel Separation - note (4)
1kHz
≤ f ≤ 20kHZ
120
120
dB
1.
Vo = 1.4V, Rs = 0Ω, 5V < VCC
+ < 30V, 0 < V
ic < VCC
+ - 1.5V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output
so no loading change exists on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is VCC
+ - 1.5V, but either or both inputs can go to +32V without damage.
4.
Due to the proximity of external components insure that coupling is not originating via stray capacitance between these
external parts. This typically can be detected as this type of capacitance increases at higher frequences.
Table 2.
VCC
+ = +5V, V
CC
-= Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
LM158AW-LM258AW
LM358AW
LM158W-LM258W
LM358W
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------


Similar Part No. - LM358AW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358AWD STMICROELECTRONICS-LM358AWD Datasheet
326Kb / 18P
   Low power dual operational amplifiers
LM358AWDT STMICROELECTRONICS-LM358AWDT Datasheet
326Kb / 18P
   Low power dual operational amplifiers
LM358AWYD STMICROELECTRONICS-LM358AWYD Datasheet
307Kb / 20P
   Low power dual operational amplifiers
LM358AWYD STMICROELECTRONICS-LM358AWYD Datasheet
326Kb / 18P
   Low power dual operational amplifiers
LM358AWYDT STMICROELECTRONICS-LM358AWYDT Datasheet
307Kb / 20P
   Low power dual operational amplifiers
More results

Similar Description - LM358AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com