Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS13J Datasheet(PDF) 3 Page - ON Semiconductor

Part # SN54LS13J
Description  SCHMITT TRIGGERS DUAL GATE/HEX INVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN54LS13J Datasheet(HTML) 3 Page - ON Semiconductor

  SN54LS13J Datasheet HTML 1Page - ON Semiconductor SN54LS13J Datasheet HTML 2Page - ON Semiconductor SN54LS13J Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Figure 2. VIN versus VOUT Transfer Function
Figure 3. Threshold Voltage and Hysteresis
versus Power Supply Voltage
Figure 4. Threshold Voltage Hysteresis
versus Temperature
5
4
3
2
1
0
0
0.4
0.95
1.2
1.8
2
VIN, INPUT VOLTAGE (VOLTS)
VCC = 5 V
TA = 25°C
2
1.6
1.2
0.8
0.4
0
4.5
4.75
5
5.25
5.5
VCC, POWER SUPPLY VOLTAGE (VOLTS)
1.9
1.7
1.5
1.3
1.1
0.9
0.7
–55
°
0
° 25°
75
°
125
°
TA, AMBIENT TEMPERATURE (°C)
TA = 25°C
VT+
VT–
∆VT
VT+
VT–
∆VT
5-3
FAST AND LS TTL DATA
SN54/74LS13
• SN54/74LS14


Similar Part No. - SN54LS13J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS13J MOTOROLA-SN54LS13J Datasheet
62Kb / 3P
   SCHMITT TRIGGERS DUAL GATE/HEX INVERTER
logo
Texas Instruments
SN54LS13J TI-SN54LS13J Datasheet
374Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
More results

Similar Description - SN54LS13J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS14 ONSEMI-SN74LS14_06 Datasheet
136Kb / 5P
   Schmitt Triggers Dual Gate/Hex Inverter
June, 2006 ??Rev. 2
logo
Motorola, Inc
SN54LS13 MOTOROLA-SN54LS13 Datasheet
62Kb / 3P
   SCHMITT TRIGGERS DUAL GATE/HEX INVERTER
logo
ON Semiconductor
SN74LS14 ONSEMI-SN74LS14 Datasheet
48Kb / 4P
   Schmitt Triggers Dual Gate/Hex Inverter
October, 2001 ??Rev. 1
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com