Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJ232X Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GJ232X
Description  Chip Monolithic Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJ232X Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GJ232X Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GJ232X Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GJ232X Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GJ232X Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GJ232X Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GJ232X Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
C02E8.pdf 01.7.26
No.
Item
Specification
Test Method
12
Solder the capacitor to the test jig (glass epoxy boards) shown
in Fig.2 using a eutectic solder. Then apply a force in the direc-
tion shown in Fig.3 for 5±1 sec. The soldering shall be done
either with an iron or using the reflow method and shall be con-
ducted with care so that the soldering is uniform and free of
defects such as heat shock.
Continued from the preceding page.
Continued on the following page.
Deflection
No cracks or marking defects shall occur.
13
Immerse the capacitor first ethanol (JIS-K-8101)a solution of
rosin (JIS-K-5902) (25% rosin in weight proportion), then in an
eutectic solder solution for 2±0.5 seconds at 230±5°C after pre-
heating in the following table. then set it for 48±4 hours at room
temperature and measure.
The capacitor shall be set for 48±4 hours at room temperature
after one hour heat of treatment at 150.
°C.
Immerse the capacitor in a eutectic solder solution at 270± 5°C
for 10±0.5 seconds after preheating in the flowing table. Then
set it for 48T4 hours at room temperature and measure.
Solderability of
Termination
75% of the terminations is to be soldered evenly and continu-
ously.
14
Resistance to
Soldering Heat
The measured values shall satisfy the values in the following
table.
Specifications and Test Methods
b
a
100
t=1.6mm
ø4.5
Fig.2
Capacitance meter
Flexure :
V1
20 50
R230
Pressurizing
speed : 1.0mm/sec.
Pressurize
45
45
Fig.3
+0
–10
The capacitor shall be set for 48±4 hours at room temperature
after one hour heat of treatment at 150
°C.
Then measure for the initial measurement. Fix capacitor to the
supporting jig in the same manner and under the same condi-
tions as in (10) and conduct the five cycles according to the
temperature and time shown in the following table.
Set it for 48±4 hours at room temperature, then measure.
15
Temperature
Cycle
No marking defects.
+0
–10
Set the capacitor for 500±12 hours at 40±2°C and 90 to 95%
humidity. Take it out and set it for 48T4 hours at room tempera-
ture, then measure.
16
Humidity
Steady State
No marking defects.
Apply the rated voltage for 500±12 hours at 40±2°C and 90 to
95% humidity and set it for 48±4 hours at room temperature,
then measure. The charge/discharge current is less than
50mA.
17
Humidity
Load
No marking defects.
Step
Temp. (ºC)
Time (min.)
1
Min. Operating
Temp.aaa
30
T3
2
4
Room
Temp.
2 to 3
Room
Temp.
2 to 3
3
Max. Operating
Temp.aaa
30
T3
+3
- 0
+3
- 0
Type
GJ218
GJ221
GJ231
GJ232
GJ243
1.0
1.2
2.2
2.2
3.5
a
3.0
4.0
5.0
5.0
7.0
b
1.2
1.65
2.0
2.9
3.7
c
(in mm)
Item
Appearance
Capacitance Change
I. R.
D.F.
Dielectric Strength
No marked defect
Within
T20%
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
50, 100V
10, 16, 25V
6.3V
0.07 max.
0.09 max.
0.15 max.
No failure
Specification
Item
Appearance
Capacitance Change
I. R.
D.F.
Dielectric Strength
No marked defect
Within
T20%
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
50, 100V
10, 16, 25V
6.3V
0.07 max.
0.09 max.
0.15 max.
No failure
Specification
Item
Appearance
Capacitance Change
I. R.
D.F.
Dielectric Strength
No marked defect
Within
T30%
More than 1,000M
Ω or 50Ω · F
(Whichever is smaller)
50, 100V
10, 16, 25V
6.3V
0.1 max.
0.125 max.
0.2 max.
No failure
Specification
Item
Appearance
Capacitance Change
I. R.
D.F.
Dielectric Strength
No marked defect
Within
T30%
More than 500M
Ω or 25Ω · F
(Whichever is smaller)
50, 100V
10, 16, 25V
6.3V
0.1 max.
0.125 max.
0.2 max.
No failure
Specification
Specifications and Test Methods
32
6


Similar Part No. - GJ232X

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ20N03 GTM-GJ20N03 Datasheet
241Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20P02 GTM-GJ20P02 Datasheet
247Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20T03 GTM-GJ20T03 Datasheet
249Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GJ2137 ETL-GJ2137 Datasheet
403Kb / 5P
   7 5 0 m A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results

Similar Description - GJ232X

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com