Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJ232 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GJ232
Description  Chip Monolithic Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJ232 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GJ232 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GJ232 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GJ232 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GJ232 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GJ232 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GJ232 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
C02E8.pdf 01.7.26
Characteristics Data
34
6
s Capacitance-Temperature Characteristics
20
20
40
60
80
10
0
−10
−20
−30
−40
−50
−60
Measuring Condition:1kHz 1Vrms
Temperature [˚C]
No Bias
s Capcitance-DC Voltage Characteristics
Measuring Condition:1kHz 1Vms. 1min.
40
20
0
−20
−40
−60
−80
0
10
20
30
40
50
60
70
80
90
100
DC Bias [Vdc]
50WV
16WV
25WV
100WV
s Capcitance-AC Voltage Characteristics
10k
1k
100
10
1
100m
10m
1m
1k
10k
100k
1M
10M
Freqency [Hz]
0.1
µF
1
µF
10
µF
s Impedance-Frequency Characteristics
10k
1k
100
10
1
100m
10m
1m
1k
10k
100k
1M
10M
Freqency [Hz]
0.1
µF
1
µF
10
µF


Similar Part No. - GJ232

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ20N03 GTM-GJ20N03 Datasheet
241Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20P02 GTM-GJ20P02 Datasheet
247Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20T03 GTM-GJ20T03 Datasheet
249Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GJ2137 ETL-GJ2137 Datasheet
403Kb / 5P
   7 5 0 m A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results

Similar Description - GJ232

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com