Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7C374I-100 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # 7C374I-100
Description  UltraLogic 128-Macrocell Flash CPLD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C374I-100 Datasheet(HTML) 5 Page - Cypress Semiconductor

  7C374I-100 Datasheet HTML 1Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 2Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 3Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 4Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 5Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 6Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 7Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 8Page - Cypress Semiconductor 7C374I-100 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7C374i
5
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –0.5V to +7.0V
DC Program Voltage .....................................................12.5V
Output Current into Outputs......................................... 16 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Notes:
2.
TA is the “instant on” case temperature.
3.
See the last page of this specification for Group A subgroup testing information.
4.
If VCCIO is not specified, the device can be operating in either 3.3V or 5V I/O mode; VCC=VCCINT.
5.
IOH = –2 mA, IOL = 2 mA for SDO.
6.
When the I/O is three-stated, the bus-hold circuit can weakly pull the I/O to a maximum of 4.0V if no leakage current is allowed. This voltage is lowered significantly
by a small leakage current. Note that all I/Os are three-stated during ISR programming. Refer to the application note “Understanding Bus Hold” for additional
information.
7.
These are absolute values with respect to device ground. All overshoots due to system or tester noise are included.
8.
Not more than one output should be tested at a time. Duration of the short circuit should not exceed 1 second. VOUT = 0.5V has been chosen to avoid test
problems caused by tester ground degradation.
9.
Tested initially and after any design or process changes that may affect these parameters.
10. Measured with 16-bit counter programmed into each logic block.
Operating Range
Range
Ambient
Temperature
VCC
VCCINT
VCCIO
Commercial
0
°C to +70°C
5V
± .25V
5V
± .25V
OR
3.3V
± .3V
Industrial
−40°C to +85°C
5V
± .5V
5V
± .5V
OR
3.3V
± .3V
Military[2]
–55°C to +125°C
5V
± .5V
Electrical Characteristics Over the Operating Range[3, 4]
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3.2 mA (Com’l/Ind)
[5]
2.4
V
IOH = –2.0 mA (Mil)
V
VOHZ
Output HIGH Voltage
with Output Disabled[9]
VCC = Max.
IOH = 0 µA (Com’l/Ind)
[5, 6]
4.0
V
IOH = –50 µA (Com’l/Ind)
[5, 6]
3.6
V
VOL
Output LOW Voltage
VCC = Min.
IOL = 16 mA (Com’l/Ind)
[5]
0.5
V
IOL = 12 mA (Mil)
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH voltage for all inputs[7]
2.0
7.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW voltage for all inputs[7]
–0.5
0.8
V
IIX
Input Load Current
VI = Internal GND, VI = VCC
–10
+10
µA
IOZ
Output Leakage Current
VCC = Max., VO = GND or VO = VCC, Output Disabled
–50
+50
µA
VCC = Max., VO = 3.3V, Output Disabled
[6]
0
–70
–125
µA
IOS
Output Short
Circuit Current[8, 9]
VCC = Max., VOUT = 0.5V
–30
–160
mA
ICC
Power Supply Current
VCC = Max., IOUT = 0 mA,
Com’l/Ind.
125
200
mA
f = 1 MHz, VIN = GND, VCC
[10]
Com’l “L” –66
75
125
mA
Military
125
250
mA
IBHL
Input Bus Hold LOW
Sustaining Current
VCC = Min., VIL = 0.8V
+75
µA
IBHH
Input Bus Hold HIGH
Sustaining Current
VCC = Min., VIH = 2.0V
–75
µA
IBHLO
Input Bus Hold LOW
Overdrive Current
VCC = Max.
+500
µA
IBHHO
Input Bus Hold HIGH
Overdrive Current
VCC = Max.
–500
µA


Similar Part No. - 7C374I-100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7C372I-100 CYPRESS-7C372I-100 Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
7C372I-125 CYPRESS-7C372I-125 Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
7C372I-66 CYPRESS-7C372I-66 Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
7C372I-83 CYPRESS-7C372I-83 Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
7C372IL-66 CYPRESS-7C372IL-66 Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
More results

Similar Description - 7C374I-100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
   Lowest power 128 macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com