Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432345FA Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD6432345FA
Description  H8S/2345 F-ZTAT Hardware Manual
Download  907 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD6432345FA Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD6432345FA Datasheet HTML 2Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 3Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 4Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 5Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 6Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 7Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 8Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 9Page - Hitachi Semiconductor HD6432345FA Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 907 page
background image
Preface
The H8S/2345 Series is a series of high-performance microcontrollers with a 32-bit H8S/2000
CPU core, and a set of on-chip supporting functions required for system configuration.
The H8S/2000 CPU can execute basic instructions in one state, and is provided with sixteen 16-bit
general registers with a 32-bit internal configuration, and a concise and optimized instruction set.
The CPU can handle a 16 Mbyte linear address space (architecturally 4 Gbytes). Programs based
on the high-level language C can also be run efficiently.
The address space is divided into eight areas. The data bus width and access states can be selected
for each of these areas, and various kinds of memory can be connected fast and easily.
On-chip memory consists of large-capacity ROM and RAM. With regard to on-chip ROM*
1,
single power supply flash memory (F-ZTAT™*
2), PROM (ZTAT™*2), and mask ROM versions
are available, providing a quick and flexible response to conditions from ramp-up through full-
scale volume production, even for applications with frequently changing specifications.
On-chip supporting functions include a 16-bit timer pulse unit (TPU), 8-bit timers, watchdog timer
(WDT), serial communication interface (SCI), A/D converter, D/A converter, and I/O ports.
An on-chip data transfer controller (DTC) is also provided, enabling high-speed data transfer
without CPU intervention.
Use of the H8S/2345 Series enables compact, high-performance systems to be implemented easily.
This manual describes the hardware of the H8S/2345 Series. Refer to the H8S/2600 Series and
H8S/2000 Series Programming Manual for a detailed description of the instruction set.
Notes: 1. The H8S/2345, H8S/2344, H8S/2343, and H8S/2341 have on-chip ROM.
The H8S/2340 does not have on-chip ROM.
2. F-ZTAT (Flexible-ZTAT) is a trademark of Hitachi, Ltd.
ZTAT is a trademark of Hitachi, Ltd.


Similar Part No. - HD6432345FA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432345 RENESAS-HD6432345 Datasheet
4Mb / 927P
   16-Bit Single-Chip Microcomputer
More results

Similar Description - HD6432345FA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
   HARDWARE MANUAL
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
   Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
   Hardware Manual
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
   Hardware Manual
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
   Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
   Hardware Reference Manual
logo
TRINAMIC Motion Control...
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
   TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com