Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC912DT128PVPV Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC912DT128PVPV
Description  The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
Download  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC912DT128PVPV Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC912DT128PVPV Datasheet HTML 7Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 8Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 9Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 10Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 11Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 12Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 13Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 14Page - Motorola, Inc MC912DT128PVPV Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 478 page
background image
Table of Contents
MC68HC912DT128A — Rev 4.0
Technical Data
MOTOROLA
Table of Contents
11
12.7
System Clock Frequency Formulae . . . . . . . . . . . . . . . . . . . . 181
12.8
Clock Divider Chains . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182
12.9
Computer Operating Properly (COP) . . . . . . . . . . . . . . . . . . . 185
12.10 Real-Time Interrupt. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
12.11 Clock Monitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
12.12 Clock Function Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 187
Section 13. Oscillator
13.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
13.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
13.3
MC68HC912DT128A Oscillator Specification . . . . . . . . . . . . 194
13.4
MC68HC912Dx128C Colpitts Oscillator Specification . . . . . . 197
13.5
MC68HC912Dx128P Pierce Oscillator Specification . . . . . . . 212
Section 14. Pulse Width Modulator
14.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
14.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
14.3
PWM Register Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . 229
14.4
PWM Boundary Cases . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
Section 15. Enhanced Capture Timer
15.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241
15.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241
15.3
Enhanced Capture Timer Modes of Operation . . . . . . . . . . . . 247
15.4
Timer Register Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . 251
15.5
Timer and Modulus Counter Operation in Different Modes . . 275
Section 16. Multiple Serial Interface


Similar Part No. - MC912DT128PVPV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC912DT128PVPV NXP-MC912DT128PVPV Datasheet
4Mb / 478P
   M68HC12 Microcontrollers
Rev. 4, 10/2003
More results

Similar Description - MC912DT128PVPV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12T64 NXP-MC9S12T64 Datasheet
7Mb / 608P
   composed of standard on-chip peripherals including a 16-bit central
February 28th, 2003 - Revision 1.1.1
logo
Freescale Semiconductor...
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
   The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
List of Unclassifed Man...
TMS9980 ETC-TMS9980 Datasheet
1Mb / 9P
   SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com