Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68EVB912DG128 Datasheet(PDF) 8 Page - Motorola, Inc

Part # M68EVB912DG128
Description  The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
Download  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68EVB912DG128 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button M68EVB912DG128 Datasheet HTML 4Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 5Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 6Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 7Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 8Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 9Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 10Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 11Page - Motorola, Inc M68EVB912DG128 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 478 page
background image
Table of Contents
Technical Data
MC68HC912DT128A — Rev 4.0
8
Table of Contents
MOTOROLA
2.7
Opcodes and Operands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Section 3. Pinout and Signal Descriptions
3.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.2
MC68HC912DT128A Pin Assignments in 112-pin QFP. . . . . . 41
3.3
Power Supply Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.4
Signal Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.5
Port Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Section 4. Registers
4.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
4.2
Register Block. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Section 5. Operating Modes
5.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
5.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
5.3
Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
5.4
Background Debug Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Section 6. Resource Mapping
6.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
6.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
6.3
Internal Resource Mapping. . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
6.4
Flash EEPROM mapping through internal Memory Expansion 92
6.5
Miscellaneous System Control Register . . . . . . . . . . . . . . . . . . 96
6.6
Mapping test registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
6.7
Memory Maps . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100


Similar Part No. - M68EVB912DG128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912DG128 MOTOROLA-M68EVB912DG128 Datasheet
3Mb / 452P
   Microcontrollers
M68EVB912DG128 MOTOROLA-M68EVB912DG128 Datasheet
2Mb / 404P
   microcontroller unit 16BIT DEVICE
More results

Similar Description - M68EVB912DG128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12T64 NXP-MC9S12T64 Datasheet
7Mb / 608P
   composed of standard on-chip peripherals including a 16-bit central
February 28th, 2003 - Revision 1.1.1
logo
Freescale Semiconductor...
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
   The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
List of Unclassifed Man...
TMS9980 ETC-TMS9980 Datasheet
1Mb / 9P
   SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com