Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB5U5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SB5U5
Description  1 and 2 Watt SB Series DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SB5U5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SB5U5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB5U5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SB5U5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SB5U5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Reliability Incorporated
SB Series.doc 5/21/2004
Single Output
Dual Output Models
1
+ input
1
+ input
2
- input
2
- input-
4
- output
4
- output
6
+ output
5
com
6
+ output
Alternative Pin Connections & Mechanical Dimensions (dimensions in inches)
12
.020"
.010"
SECTION A-A
(SCALE: NONE)
12
12
.020"
.010"
SECTION A-A
(SCALE: NONE)
12
57
57
6
.425" MAX
.425" MAX
Maximum
Thickness
A
A
.750" MAX
.750" MAX
.20" MIN.
.20" MIN.
.10" .30"
.20"
.10" .30"
0.290"
.10" .10"
.06"
.06"
.08"
.08"
Style 3*
Style 4*
2SB5U9
SB12U15-15
2SB24U9
* Styles 3 and 4 are coated, not potted in shells.
Single Output
Dual Output Models
1
+ input
1
+ input
2
- input
2
- input
5
- output
5
- output
7
+ output
6
com
7
+ output
Reliability Incorporated Locations
Headquarters
Sales
Far East Sales
Reliability Incorporated
P.O. Box 218370
Houston, Texas 77218
USA
Tel: 281 492-0550
Fax 281 492-0615
www.relinc.com
Reliability Incorporated
Tel: 281 492-0550
Fax 281 492-0615
dcdcinfo@relinc.com
www.dc-dcpower.com
Reliability Singapore Pte. Ltd.
Blk 103 Boon Keng Rd.
Singapore 339774
Tel: 65 299 4938
Fax: 65 299 4829
Copyright© 2003, Reliability Incorporated. Reliability reserves the right to make changes in the product at any time, without notification


Similar Part No. - SB5U5

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB5 GREATECS-SB5 Datasheet
964Kb / 2P
   Standard Slide Switches
logo
BusBoard Prototype Syst...
SB5 BUSBOARD-SB5 Datasheet
1Mb / 2P
   SB5 Snappable PCB BreadBoard with 5-Hole Strips with power rails and plated holes.
REV 1
logo
Anderson Power Products...
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
logo
Sanyo Semicon Device
SB50-09 SANYO-SB50-09 Datasheet
73Kb / 3P
   90V, 5A Rectifier
SB50-09J SANYO-SB50-09J Datasheet
73Kb / 3P
   90V, 5A Rectifier
More results

Similar Description - SB5U5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5R5 ETC1-S5R5 Datasheet
372Kb / 3P
   1 AND 2 WATT DC/DC CONVERTERS
logo
Intronics Power, Inc.
DC200 INTRONICS-DC200 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
   750 WATT 2:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com