Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC1G02 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ALVC1G02
Description  2-input NOR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G02 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74ALVC1G02 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74ALVC1G02
Rev.5.00, Oct.06.2003, page 7 of 9
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.5
10.5
1.8
10.5
2.5
10.5
Power dissipation
capacitance
CPD
3.3
11.5
pF
f = 10 MHz
Test Circuit
Pulse
Generator
out
Z
= 50
C
L
R
L
Input
Output
VCC
L
Note: C includes probe and jig capacitance.
V
= 1.8
±0.15 V
CC
R
1.0 k
2.0 k
500
L
C
30 pF
15 pF
30 pF
L
V
= 2.5
±0.2 V,
3.3
±0.3 V
CC
V
= 1.2 V,
1.5
±0.1 V
CC
Symbol


Similar Part No. - HD74ALVC1G02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
79Kb / 8P
   2-input NOR Gate
HD74ALVC1G02VSE RENESAS-HD74ALVC1G02VSE Datasheet
79Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02_05 Datasheet
79Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02_15 Datasheet
100Kb / 10P
   2-input NOR Gate
More results

Similar Description - HD74ALVC1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com