Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62222L Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62222L
Description  2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62222L Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62222L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62222L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62222L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MITSUBISHI <Dig./Ana. INTERFACE>
M62222L/FP
2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
April 1996
( 3 / 3 )
Application Circuit (2.7V Output DC-DC Converter)
• Current Limit Detection:
When the voltage drop between pin 3 and pin 4 becomes more than 150mV,
the Current Limit Detection circuit begins operating. The peak switch
current "Ipk" is limited to 150mV / RCLM. In the example of application
(fig.1), the current is limited to 1.5A.
2
1
3
4
5 IN
Vcc
CLM
Collector
GND
+
+
M62222
VIN (5V)
VOUT(2.7V,1A)
100µF
100µF
0.1
RCLM
1K
1K
68µH
Fig.1 Example of the M62222L/FP application circuit
THE EXPRESSION OF CIRCUIT CONSTANTS
•VF
: Forward voltage drop of an external diode.
•Vsat : Output saturation voltage of an external switching transistor.
∆Io : It should be set between1/3 and 1/5 of maximum output current.
•An external transistor, diode and inductor should have a peak current capability of
greater than "Ipk".
CONSTANTS
TON
TOFF
(TON+TOFF)MAX
TOFF(MIN)
TON(MAX)
L(MIN)
VO+VF
VIN - VCE(sat) - VO
1
fosc - TOFF
∆Io
( VIN - VCE(sat) - VO ) x TON(MAX)
1
fosc
fosc:110KHz(Vcc=5V)
EXPRESSIONS
Ipk
RCLM
( TON + TOFF ) /
TON
TOFF
1 +
(
)
Io +
1
2
∆Io
0.15
Ipk
∆VCLM:150mV(Vcc=5V)


Similar Part No. - M62222L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
More results

Similar Description - M62222L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62221L MITSUBISHI-M62221L Datasheet
25Kb / 3P
   3.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62220L MITSUBISHI-M62220L Datasheet
25Kb / 3P
   3.3V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
   3.0 V Fixed Output Voltage DC/DC Converter
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
   3.3 V Fixed Output Voltage DC/DC Converter
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
   3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62292FP RENESAS-M62292FP_07 Datasheet
115Kb / 7P
   3.3 V, 1.8 V Fixed 2-Output Voltage DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com