Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8TAB5EMW8 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAB5EMW8
Description  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5EMW8 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP8TAB5EMW8 Datasheet HTML 2Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 3Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 4Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 5Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 6Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAB5EMW8 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Pinouts for 44-, 20- and 28-Pin Packages
Port
Type
Alt. Function
44-Pin LLP
a
28-Pin SOIC
a
20-Pin SOIC
a
L0
I/O
MIWU/SDA
12
18
12
L1
I/O
MIWU/SCL
13
19
13
L2
I/O
MIWU
14
20
14
L3
I/O
MIWU
15
21
15
L4
I/O
MIWU
20
22
16
L5
I/O
MIWU
21
23
17
L6
I/O
MIWU
22
24
18
L7
I/O
MIWU
23
25
19
G0
I/O
INT
2
12
10
G1
I/O
WDOUT
a
111
9
G2
I/O
T1B
44
10
8
G3
I/O
T1A
43
9
7
G4
I/O
SO
32
2
20
G5
I/O
SK
33
3
1
G6
I
SI
34
4
2
G7
I
CKO
35
5
3
C0
I/O
MIWU
37
C1
I/O
MIWU
38
C2
I/O
MIWU
39
C3
I/O
MIWU
40
C4
I/O
MIWU
16
C5
I/O
MIWU
17
C6
I/O
MIWU
18
C7
I/O
MIWU
19
F0
I/O
4
14
F1
I/O
5
15
F2
I/O
6
16
F3
I/O
7
17
F4
I/O
8
F5
I/O
9
F6
I/O
10
F7
I/O
11
J0
I/O
24
26
J1
I/O
25
27
J2
I/O
26
28
J3
I/O
27
1
J4
I/O
28
J5
I/O
29
J6
I/O
30
J7
I/O
31
V
CC
42
8
6
GND
41
7
5
CKI
I
36
6
4
RESET
I3
13
11
a. G1 operation as WDOUT is controlled by Option Register, bit 2.
www.national.com
6


Similar Part No. - COP8TAB5EMW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB5EMW8 NSC-COP8TAB5EMW8 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
More results

Similar Description - COP8TAB5EMW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9 NSC-COP8TAB9 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COP8TAB9_0504 NSC-COP8TAB9_0504 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
ATMEL Corporation
AT80F51 ATMEL-AT80F51 Datasheet
106Kb / 12P
   8-Bit Microcontroller with 4K Bytes QuickFlash Memory
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com