Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4655 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # Q67040-S4655
Description  HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4655 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button Q67040-S4655 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 11Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 12Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 13Page - Infineon Technologies AG Q67040-S4655 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IKA03N120H2
Power Semiconductors
11
Mar-04, Rev. 2
0V
1V
2V
3V
0A
2A
4A
T
J=150°C
T
J=25°C
-50°C
0°C
50°C
100°C
150°C
1.0V
1.5V
2.0V
2.5V
3.0V
I
F=4A
I
F=2A
I
F=1A
VF, FORWARD VOLTAGE
TJ, JUNCTION TEMPERATURE
Figure 27. Typical diode forward current
as a function of forward voltage
Figure 28. Typical diode forward
voltage as a function of junction
temperature


Similar Part No. - Q67040-S4655

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4650 INFINEON-Q67040-S4650 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
Q67040-S4654 INFINEON-Q67040-S4654 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
Q67040-S4656 INFINEON-Q67040-S4656 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
More results

Similar Description - Q67040-S4655

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKP01N120H2 INFINEON-IKP01N120H2 Datasheet
387Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com