Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2236T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN2236T1
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2236T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MUN2236T1 Datasheet HTML 1Page - ON Semiconductor MUN2236T1 Datasheet HTML 2Page - ON Semiconductor MUN2236T1 Datasheet HTML 3Page - ON Semiconductor MUN2236T1 Datasheet HTML 4Page - ON Semiconductor MUN2236T1 Datasheet HTML 5Page - ON Semiconductor MUN2236T1 Datasheet HTML 6Page - ON Semiconductor MUN2236T1 Datasheet HTML 7Page - ON Semiconductor MUN2236T1 Datasheet HTML 8Page - ON Semiconductor MUN2236T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 11
1
Publication Order Number:
MUN2211T1/D
MUN2211T1 Series
Preferred Devices
Bias Resistor Transistors
NPN Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base−emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the
SC−59 package which is designed for low power surface
mount applications.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Moisture Sensitivity Level: 1
ESD Rating − Human Body Model: Class 1
ESD Rating − Machine Model: Class B
The SC−59 package can be soldered using wave or reflow. The
modified gull−winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
Available in 8 mm embossed tape and reel
Use the Device Number to order the 7 inch/3000 unit reel.
Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD
230 (Note 1)
338 (Note 2)
1.8 (Note 1)
2.7 (Note 2)
mW
°C/W
Thermal Resistance −
Junction-to-Ambient
RqJA
540 (Note 1)
370 (Note 2)
°C/W
Thermal Resistance −
Junction-to-Lead
RqJL
264 (Note 1)
287 (Note 2)
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 inch Pad.
SC−59
CASE 318D
STYLE 1
Preferred devices are recommended choices for future use
and best overall value.
NPN SILICON
BIAS RESISTOR
TRANSISTORS
3
1
2
PIN 3
COLLECTOR
(OUTPUT)
PIN 1
EMITTER
(GROUND)
PIN 2
BASE
(INPUT)
R1
R2
MARKING DIAGRAM
8x = Specific Device Code*
M = Date Code
8x M
DEVICE MARKING INFORMATION
*See specific marking information in the device marking table
on page 2 of this data sheet.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MUN2236T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2236T1 LRC-MUN2236T1 Datasheet
160Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN2236T1G ONSEMI-MUN2236T1G Datasheet
121Kb / 9P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
August, 2012 ??Rev. 0
MUN2236T1G ONSEMI-MUN2236T1G Datasheet
136Kb / 10P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
February, 2013 ??Rev. 2
MUN2236T1G ONSEMI-MUN2236T1G Datasheet
125Kb / 10P
   Digital Transistors (BRT)
November, 2016 ??Rev. 3
MUN2236T1G ONSEMI-MUN2236T1G Datasheet
136Kb / 10P
   Digital Transistors (BRT)
January, 2019 ??Rev. 5
More results

Similar Description - MUN2236T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com