Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8TAC5HMW8 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAC5HMW8
Description  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAC5HMW8 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP8TAC5HMW8 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 12Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 13Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 14Page - National Semiconductor (TI) COP8TAC5HMW8 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
8.0 Electrical Characteristics (Continued)
9.0 Pin Descriptions
The COP8TAB5/TAC5 I/O structure enables designers to
reconfigure the microcontroller’s I/O functions with a single
instruction. Each individual I/O pin can be independently
configured as output pin low, output high, input with high
impedance or input with weak pull-up device. A typical ex-
ample is the use of I/O pins as the keyboard matrix input
lines. The input lines can be programmed with internal weak
pull-ups so that the input lines read logic high when the keys
are all open. With a key closure, the corresponding input line
will read a logic zero since the weak pull-up can easily be
overdriven. When the key is released, the internal weak
pull-up will pull the input line back to logic high. This elimi-
nates the need for external pull-up resistors. The high cur-
rent options are available for driving LEDs, motors and
speakers. This flexibility helps to ensure a cleaner design,
with fewer external components and lower costs. Below is
the general description of all available pins.
V
CC and GND are the power supply pins.
Users of the LLP package are cautioned to be aware that the
central metal area and the pin 1 index mark on the bottom of
the package may be connected to GND. See figure below:
20091784
FIGURE 3. ACB Start Condition Timing
20091785
FIGURE 4. ACB Data Timing
www.national.com
11


Similar Part No. - COP8TAC5HMW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAC5HMW8 NSC-COP8TAC5HMW8 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
More results

Similar Description - COP8TAC5HMW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9 NSC-COP8TAB9 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COP8TAB9_0504 NSC-COP8TAB9_0504 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
ATMEL Corporation
AT80F51 ATMEL-AT80F51 Datasheet
106Kb / 12P
   8-Bit Microcontroller with 4K Bytes QuickFlash Memory
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com