Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDI200-12A4 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MDI200-12A4
Description  IGBT Modules - Short Circuit SOA Capability Square RBSOA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDI200-12A4 Datasheet(HTML) 2 Page - IXYS Corporation

  MDI200-12A4 Datasheet HTML 1Page - IXYS Corporation MDI200-12A4 Datasheet HTML 2Page - IXYS Corporation MDI200-12A4 Datasheet HTML 3Page - IXYS Corporation MDI200-12A4 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2000 IXYS All rights reserved
2 - 4
MII 200-12 A4
MID 200-12 A4
MDI 200-12 A4
Symbol
Conditions
Characteristic Values
(T
J = 25
°C, unless otherwise specified)
min.
typ.
max.
V
(BR)CES
V
GE = 0 V
1200
V
V
GE(th)
I
C = 6 mA, VCE = VGE
4.5
6.5
V
I
CES
V
CE
= V
CES
T
J = 25
°C10 mA
T
J = 125
°C15
mA
I
GES
V
CE
= 0 V, V
GE =
±20 V
±700 nA
V
CE(sat)
I
C = 150 A, VGE = 15 V
2.2
2.7
V
C
ies
11
nF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
1.5
nF
C
res
0.65
nF
t
d(on)
100
ns
t
r
50
ns
t
d(off)
650
ns
t
f
50
ns
E
on
24.2
mJ
E
off
21
mJ
R
thJC
0.11 K/W
R
thJS
with heatsink compound
0.22
K/W
Reverse Diode (FRED)
Characteristic Values
(T
J = 25
°C, unless otherwise specified)
min.
typ.
max.
V
F
I
F = 150 A, VGE = 0 V,
2.2
2.5
V
I
F = 150 A, VGE = 0 V, TJ = 125
°C
1.8
1.9
V
I
F
T
C = 25
°C
300
A
T
C = 80
°C
200
A
I
RM
I
F = 150 A, VGE = 0 V, -diF/dt = 1200 A/
ms
125
A
t
rr
T
J = 125
°C, V
R = 600 V
200
ns
R
thJC
0.23 K/W
R
thJS
with heatsink compound
0.45
K/W
Inductive load, T
J = 125
°C
I
C = 150 A, VGE = ±15 V
V
CE = 600 V, RG = 6.8
W
Dimensions in mm (1 mm = 0.0394")
Equivalent Circuits for Simulation
Conduction
IGBT (typ. at VGE = 15 V; TJ = 125°C)
V0 = 1.5 V; R0 = 7.0 mW
Free Wheeling Diode (typ. at TJ = 125°C)
V0 = 1.3 V; R0 = 3.4 mW
Thermal Response
IGBT (typ.)
Cth1 = 0.40 J/K; Rth1 = 0.110 K/W
Cth2 = 0.93 J/K; Rth2 = 0.003 K/W
Free Wheeling Diode (typ.)
Cth1 = 0.28 J/K; Rth1 = 0.226 K/W
Cth2 = 0.51 J/K; Rth2 = 0.005 K/W


Similar Part No. - MDI200-12A4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDI100-12A3 IXYS-MDI100-12A3 Datasheet
118Kb / 4P
   IGBT Modules
MDI145-12A3 IXYS-MDI145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MDI150-12A4 IXYS-MDI150-12A4 Datasheet
120Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
logo
MagnaChip Semiconductor...
MDI1752 MGCHIP-MDI1752 Datasheet
699Kb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDI1752TH MGCHIP-MDI1752TH Datasheet
699Kb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
More results

Similar Description - MDI200-12A4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MII150-12A4 IXYS-MII150-12A4 Datasheet
120Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
MII145-12A3 IXYS-MII145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MID75-12A3 IXYS-MID75-12A3 Datasheet
108Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MID550-12A4 IXYS-MID550-12A4 Datasheet
114Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
VKI50-06P1 IXYS-VKI50-06P1 Datasheet
111Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MWI50-12E7 IXYS-MWI50-12E7 Datasheet
130Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MWI60-12T6K IXYS-MWI60-12T6K Datasheet
175Kb / 4P
   Short Circuit SOA Capability Square RBSOA
VII25-12P1 IXYS-VII25-12P1 Datasheet
478Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MKI100-12F8 IXYS-MKI100-12F8 Datasheet
92Kb / 2P
   Short Circuit SOA Capability Square RBSOA
VII25-06P1 IXYS-VII25-06P1 Datasheet
349Kb / 4P
   Short Circuit SOA Capability Square RBSOA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com