Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3507-D00XX Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-3507-D00XX
Description  T-1 3/4 (5 mm) Diffused LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3507-D00XX Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-3507-D00XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3507-D00XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimensions
Part Numbering System
HLMP - x x xx - x x x xx
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
B1: Right Angle Housing, Uneven Leads
B2: Right Angle Housing, Even Leads
DD: Ammo Pack
R4: Tape & Reel, Counter Clockwise
Color Bin Options
0: Full Color Bin Distribution
B: Color Bins 2 & 3 only
Maximum Iv Bin Options
0: Open (no max. limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Brightness Level
0x: Less Brightness
62: Higher Brightness
Color Options
3,7: GaP HER
4,8: GaP Yellow (except D4xx)
5,9: GaP Green
Package Options
3: T-1 3/4 (5 mm)
D: T-1 3/4 (5 mm) GaP Orange


Similar Part No. - HLMP-3507-D00XX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-3507-D00XX BOARDCOM-HLMP-3507-D00XX Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-3507-D00XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com