Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2722-01STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2722-01STR
Description  Sigma Designs Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2722-01STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2722-01STR Datasheet HTML 1Page - Integrated Circuit Systems MK2722-01STR Datasheet HTML 2Page - Integrated Circuit Systems MK2722-01STR Datasheet HTML 3Page - Integrated Circuit Systems MK2722-01STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK2722
Sigma Designs Clock Source
MDS 2722 B
2
Revision 020802
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295 9800tel • www.icst.com
Pin Descriptions
Key: I = Input, TI = Tri-level input, O = output, P = power supply connection
Pin Assignment
Number
Name
Type
Description
1
VDD
I
Connect to +5V.
2
X2
XO
Crystal connection. Connect to 27 MHz crystal. Leave unconnected for clock input.
3
X1
XI
Crystal connection. Connect to 27 MHz crystal or clock.
4
VDD
P
Connect to +5V.
5
GND
P
Connect to ground.
6
BS1
I
Select 1 for BCLK. Determines BCLK outputs per table above. Internal pull-up.
7
ACLK
O
Audio Clock output. Determined by status of AS1, AS0 per table above.
8
AS0
TI
Select 0 for ACLK. Determines ACLK output per table above.
9
BCLK
O
BCLK output. Determined by status of BS1, BS0 per table above.
10
BCLK/2
O
BCLK divided by two output. Determined by status of BS1, BS0 per table above.
11
GND
P
Connect to ground.
12
AS1
I
Select 1 for ACLK. Determines ACLK output per table above. Internal pull-up.
13
VDD
P
Connect to +5V.
14
27M
O
27.0000 MHz buffered crystal clock output.
15
PD
I
Power Down. Active low. Clocks stop low. Internal pull-up.
16
BS0
I
Select 0 for BCLK. Determines BCLK outputs per table above. Internal pull-up.
1
16
2
3
4
15
14
13
VDD
GND
X2
VDD
AS1
16 pin narrow (150 mil) SOIC
5
6
7
8
12
11
10
9
AS0
X1
VDD
27M
BS0
GND
BCLK/2
BCLK
ACLK
BS1
PD
AS1
AS0
ACLK
pin 12
pin 8
pin 7
0
0
12.288
0
M
18.432
0
1
16.9344
1
0
11.2896
1
M
12.288
1
1
8.192
ACLK Decoding Table (MHz)
BS1
BS0
BCLK
BCLK/2
pin 6
pin 16
pin 9
pin 10
0
0
40.5
20.25
0
1
50
25
1
0
28.6364
14.3182
1
1
40
20
BCLK Decoding Table (MHz)


Similar Part No. - MK2722-01STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
   Low Cost 27 MHz VCXO
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
logo
Integrated Circuit Syst...
MK2727S ICST-MK2727S Datasheet
55Kb / 4P
   Low Cost 27 MHz VCXO
logo
Renesas Technology Corp
MK2727SLF RENESAS-MK2727SLF Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
MK2727SLFTR RENESAS-MK2727SLFTR Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
More results

Similar Description - MK2722-01STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
   Audio Clock Source
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
   VOIP Clock Source
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Integrated Device Techn...
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
   NETWORKING CLOCK SOURCE
102709
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com