Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5C-215MV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S5C-215MV
Description  AC Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S5C-215MV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S5C-215MV Datasheet HTML 1Page - List of Unclassifed Manufacturers S5C-215MV Datasheet HTML 2Page - List of Unclassifed Manufacturers S5C-215MV Datasheet HTML 3Page - List of Unclassifed Manufacturers S5C-215MV Datasheet HTML 4Page - List of Unclassifed Manufacturers S5C-215MV Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
86
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
http://www.sensor.com.tw e-mail: tope@ms1.hinet.net
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
S5C-215V, S5N-215V
S5
®
®
①放熱器なし
②150×150×2mmAL(θf=3℃/W)
③放熱器JHA-70(θf=1.52℃/W)
放熱器JHA-100(θf=1.14℃/W)
放熱器JHA-150(θf=1.00℃/W)
-20
0
20
40
60
80
100
20
5
10
15
0
負荷電流特性
周囲温度〔℃〕
Ambient Temperature
Maximum Load Current VS
Ambient Temperature
〔Arms〕
(Output Load Current:15A type)
特 長
負荷電流特性
小型、中電力 SSR
最大負荷電流 15A
入出力間絶縁耐圧 3,000V 1 分間
(強化絶縁タイプ)
入力電圧(L、M、H)でワイド対応
海外安全規格 UL、
CSA、VDE、TU
・・
V 取得品
オプションで専用放熱器有り(P.94)
S5C–215L
V
ゼロクロス回路
C :ゼロクロスあり
N :ゼロクロスなし(注)
基準電源電圧
2 : 100V、200V ライン
最大負荷電流
15 : 15A
入力電圧範囲
L : DC4 ∼ 8V
M: DC8 ∼ 18V
H : DC18 ∼ 28V
海外規格
V: ULCSAVDETÜV 取得品
(注)受注生産品となります。
型式構成
SERIES
AC Solid State Relay


Similar Part No. - S5C-215MV

ManufacturerPart #DatasheetDescription
logo
Semikron International
S5C SEMIKRON-S5C Datasheet
117Kb / 2P
   Surface mount diode
logo
Samsung semiconductor
S5C7212X SAMSUNG-S5C7212X Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
S5C7212X SAMSUNG-S5C7212X Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
More results

Similar Description - S5C-215MV

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
   AC Solid-State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
   AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
   AC SOLID STATE RELAY
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
   AC Solid State Relay
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
   AC Solid State Relay
logo
celduc-relais
SPA07420 CELDUC-SPA07420 Datasheet
78Kb / 2P
   AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com