Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58021U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58021U
Description  4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58021U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58021U Datasheet HTML 1Page - Micrel Semiconductor SY58021U Datasheet HTML 2Page - Micrel Semiconductor SY58021U Datasheet HTML 3Page - Micrel Semiconductor SY58021U Datasheet HTML 4Page - Micrel Semiconductor SY58021U Datasheet HTML 5Page - Micrel Semiconductor SY58021U Datasheet HTML 6Page - Micrel Semiconductor SY58021U Datasheet HTML 7Page - Micrel Semiconductor SY58021U Datasheet HTML 8Page - Micrel Semiconductor SY58021U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Precision Edge®
SY58021U
Micrel, Inc.
M9999-062405
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 4
IN, /IN
Differential Input: This input pair receives the signal to be buffered. Each pin of this pair
internally terminates with 50
Ω to the VT pin. Note that this input will default to an
indeterminate state if left open. See “Input Interface Applications” section.
2
VT
Input Termination Center-Tap: Each input terminates to this pin. The VT pin provides a
center-tap for each input (IN, /IN) to the termination network for maximum interface
flexibility. See “Input Interface Applications” section.
3
VREF-AC
Reference Output Voltage: This output biases to VCC –1.2V. It is used when AC-coupling
to differential inputs. Connect V
REF-AC directly to the VT pin. Bypass with 0.01µF low ESR
capacitor to VCC. See “Input Interface Applications” section.
8, 13
VCC
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors as close to the
VCC pins as possible.
5, 16
GND,
Ground. Exposed pad must be connected to a ground plane that is the same potential as
Exposed Pad
the ground pin.
14, 15
/Q0, Q0,
LVPECL Differential Output Pairs: Differential buffered output copy of the input signal. The
11, 12
/Q1, Q1,
output swing is typically 800mV Proper termination is 50
Ω to V
CC–2V at the receiving end.
9, 10
/Q2, Q2,
Unused output pairs may be left floating with no impact on jitter or skew.
6, 7
/Q3, Q3
See “LVPECL Output Termination” section.
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
IN
VT
VREF-AC
/IN
Q1
/Q1
Q2
/Q2
16-Pin MLF™ (MLF-16)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58021UMI
MLF-16
Industrial
021U
Sn-Pb
SY58021UMITR(2)
MLF-16
Industrial
021U
Sn-Pb
SY58021UMG
MLF-16
Industrial
021U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58021UMGTR(2)
MLF-16
Industrial
021U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.


Similar Part No. - SY58021U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021UMG MICREL-SY58021UMG Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMG MICREL-SY58021UMG Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
More results

Similar Description - SY58021U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com