Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58021UMI Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58021UMI
Description  4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58021UMI Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58021UMI Datasheet HTML 1Page - Micrel Semiconductor SY58021UMI Datasheet HTML 2Page - Micrel Semiconductor SY58021UMI Datasheet HTML 3Page - Micrel Semiconductor SY58021UMI Datasheet HTML 4Page - Micrel Semiconductor SY58021UMI Datasheet HTML 5Page - Micrel Semiconductor SY58021UMI Datasheet HTML 6Page - Micrel Semiconductor SY58021UMI Datasheet HTML 7Page - Micrel Semiconductor SY58021UMI Datasheet HTML 8Page - Micrel Semiconductor SY58021UMI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Precision Edge®
SY58021U
Micrel, Inc.
M9999-062405
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
/IN
IN
/Q
Q
tpd
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 800mV
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT 1.6V
Figure 1b. Differential Voltage Swing
VCC = 2.5V ±5% or 3.3V ±10%; RL = 50Ω to VCC–2V; TA= –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
V
OUT ≥ 400mV
Clock
4
GHz
NRZ Data
5
Gbps
tpd
Propagation Delay
150
220
300
ps
tCHAN
Channel-to-Channel Skew
Note 7
415
ps
tSKEW
Part-to-Part Skew
Note 8
50
ps
tJITTER
Clock
Cycle-to-Cycle Jitter
Note 9
1psRMS
Total Jitter
Note 10
10
psPP
Data
Random Jitter
Note 11
2.5Gbps – 3.2Gbps
1
psRMS
Deterministic Jitter
Note 12
2.5Gbps – 3.2Gbps
10
psPP
tr, tf
Output Rise/Fall Time 20% to 80%
At full swing.
35
75
110
ps
Notes:
7.
Skew is measured between outputs of the same bank under identical transitions.
8.
Skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs.
9.
Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the output
signal.
10. Total jitter definition: with an ideal clock input of frequency
≤ f
MAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
11. Random jitter is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps/3.2Gbps.
12. Deterministic jitter is measured at 2.5Gbps/3.2Gbps with both K28.5 and 223–1 PRBS pattern
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY58021UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021UMI MICREL-SY58021UMI Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMI MICREL-SY58021UMI Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021UMI MICREL-SY58021UMI Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021UMITR MICREL-SY58021UMITR Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMITR MICREL-SY58021UMITR Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
More results

Similar Description - SY58021UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com