Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VUO82-08NO7 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUO82-08NO7
Description  Three Phase Rectifier Bridges
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO82-08NO7 Datasheet(HTML) 1 Page - IXYS Corporation

  VUO82-08NO7 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim, Germany
Phone: +49-6206-5030 Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700 Fax: 408-496-0670
Three Phase
VUO 82 I
dAV
= 88 A
Rectifier Bridges
V
RRM
= 800 - 1800 V
~
~
~
+
-
V
RSM
V
RRM
Type
VV
800
800
VUO 82-08NO7
1200
1200
VUO 82-12NO7
1400
1400
VUO 82-14NO7
1600
1600
VUO 82-16NO7
1800
1800
VUO 82-18NO7*
* delivery time on request
~~ ~
+
-
Symbol
Test Conditions
Maximum Ratings
I
dAV
T
C = 110°C, module
88
A
I
dAV
T
A = 45°C
(R
thCA = 0.6 K/W), module
57
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
750
A
V
R = 0
t = 8.3 ms (60 Hz), sine
820
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
670
A
V
R = 0
t = 8.3 ms (60 Hz), sine
740
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
2800
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2800
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2250
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2250
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M5)
5
± 15 %
Nm
Terminal connection torque (M5)
5
± 15 %
Nm
Weight
typ.
160
g
Features
q
Package with screw terminals
q
Isolation voltage 3000 V~
q
Planar passivated chips
q
Blocking voltage up to 1800 V
q
Low forward voltage drop
q
UL applied
Applications
q
Supplies for DC power equipment
q
Input rectifiers for PWM inverter
q
Battery DC power supplies
q
Field supply for DC motors
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
Dimensions in mm (1 mm = 0.0394")
23
48
2.5
2.5
18
20
20
72
60
54
~
~
~
+
10
M5x10
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
0.3
mA
V
R
= V
RRM;TVJ = TVJM
5mA
V
F
I
F
= 150 A;
T
VJ = 25°C
1.6
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
5m
R
thJC
per diode; DC current
1.1
K/W
per module
0.183
K/W
R
thJK
per diode; DC current
1.52
K/W
per module
0.253
K/W
d
S
Creeping distance on surface
10
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
Data according to DIN/IEC 747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.


Similar Part No. - VUO82-08NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO82-08NO7 IXYS-VUO82-08NO7 Datasheet
31Kb / 1P
   Three Phase Rectifier Bridge
More results

Similar Description - VUO82-08NO7

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD35 POWERSEM-PSD35 Datasheet
153Kb / 2P
   Three Phase Rectifier Bridges
PSD31 POWERSEM-PSD31 Datasheet
104Kb / 1P
   Three Phase Rectifier Bridges
PSD36 POWERSEM-PSD36 Datasheet
109Kb / 2P
   Three Phase Rectifier Bridges
PSD62 POWERSEM-PSD62 Datasheet
178Kb / 2P
   Three Phase Rectifier Bridges
PSD75 POWERSEM-PSD75 Datasheet
170Kb / 2P
   Three Phase Rectifier Bridges
PSD192 POWERSEM-PSD192 Datasheet
203Kb / 2P
   Three Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSD25-16 ISC-PSD25-16 Datasheet
339Kb / 3P
   Three Phase Rectifier Bridges
logo
Powersem GmbH
PSD41 POWERSEM-PSD41 Datasheet
160Kb / 2P
   Three Phase Rectifier Bridges
PSD50 POWERSEM-PSD50 Datasheet
122Kb / 1P
   Three Phase Rectifier Bridges
PSD61 POWERSEM-PSD61 Datasheet
162Kb / 2P
   Three Phase Rectifier Bridges
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com