Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC02AN Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74HC02AN
Description  Quad 2-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC02AN Datasheet(HTML) 3 Page - Integral Corp.

  IN74HC02AN Datasheet HTML 1Page - Integral Corp. IN74HC02AN Datasheet HTML 2Page - Integral Corp. IN74HC02AN Datasheet HTML 3Page - Integral Corp. IN74HC02AN Datasheet HTML 4Page - Integral Corp. IN74HC02AN Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74HC02A
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIL
Maximum Low -Level
Input Voltage
VOUT=0.1 V or
VCC=0.1 V
IOUT ≤ 20 µА
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VIH
Minimum High-Level
Input Voltage
VOUT=0.1 V or
VCC=0.1 V
IOUT ≤ 20 µА
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIN=VIH or VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
VIN=VIH or VIL
IOUT ≤ 4.0 mA
4.5
0.26
0.33
0.4
VOL
Maximum Low-Level
Output Voltage
VIN=VIH or VIL
IOUT ≤ 5.2 mA
6.0
0.26
0.33
0.4
V
VIN=VIH or VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
VIN=VIH or VIL
IOUT ≤ 4.0 mA
4.5
3.98
3.84
3.7
VOH
Minimum High-Level
Output Voltage
VIN=VIH or VIL
IOUT ≤ 5.2 mA
6.0
5.48
5.34
5.2
V
IIL
Maximum Low-Level
Input Leakage Current
VIL=GND
6.0
-0.1
-1.0
-1.0
µA
IIH
Maximum High-Level
Input Leakage Current
VIH=VCC
6.0
0.1
1.0
1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIL=VCC
VIH=GND
IOUT=0 µA
6.0
1.0
10
40
µA
3


Similar Part No. - IN74HC02AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC02A IKSEMICON-IN74HC02A Datasheet
245Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
More results

Similar Description - IN74HC02AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com