Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC157AN Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74HC157AN
Description  Quad 2-Input Data Selectors/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC157AN Datasheet(HTML) 4 Page - Integral Corp.

  IN74HC157AN Datasheet HTML 1Page - Integral Corp. IN74HC157AN Datasheet HTML 2Page - Integral Corp. IN74HC157AN Datasheet HTML 3Page - Integral Corp. IN74HC157AN Datasheet HTML 4Page - Integral Corp. IN74HC157AN Datasheet HTML 5Page - Integral Corp. IN74HC157AN Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74HC157A
4
INTEGRAL
AC ELECTRICAL CHARACTERISTICS (C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A or B to
Output Y (Figures 1and 4)
2.0
4.5
6.0
105
21
18
130
26
22
160
32
27
ns
tPLH, tPHL
Maximum Propagation Delay , Select to
Output Y (Figures 2 and 4)
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
tPLH, tPHL
Maximum Propagation Delay , Output Enable to
Output Y (Figures 3 and 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
33
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Test Circuit


Similar Part No. - IN74HC157AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC157AN IKSEMICON-IN74HC157AN Datasheet
155Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
More results

Similar Description - IN74HC157AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC157A KODENSHI-KK74HC157A Datasheet
216Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
logo
System Logic Semiconduc...
SL74HC157 SLS-SL74HC157 Datasheet
44Kb / 5P
   Quad 2-Input Data Selectors/Multiplexer
logo
Integral Corp.
IN74HCT157A INTEGRAL-IN74HCT157A Datasheet
139Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXER
logo
IK Semicon Co., Ltd
IN74HC157A IKSEMICON-IN74HC157A Datasheet
155Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
logo
System Logic Semiconduc...
SL74HC258 SLS-SL74HC258 Datasheet
66Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
logo
KODENSHI_AUK CORP.
KK74HC258A KODENSHI-KK74HC258A Datasheet
226Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com