Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC174AD Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74HC174AD
Description  Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC174AD Datasheet(HTML) 2 Page - Integral Corp.

  IN74HC174AD Datasheet HTML 1Page - Integral Corp. IN74HC174AD Datasheet HTML 2Page - Integral Corp. IN74HC174AD Datasheet HTML 3Page - Integral Corp. IN74HC174AD Datasheet HTML 4Page - Integral Corp. IN74HC174AD Datasheet HTML 5Page - Integral Corp. IN74HC174AD Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IN74HC174A
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1,5 mm from Case for 4 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time
(Figure 1)
VCC =2.0 V
VCC =4.5 V
VCC =6.0 V
0
0
0
1000
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IN74HC174AD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC174AD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC174A MOTOROLA-MC54HC174A Datasheet
210Kb / 6P
   Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com