Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC4046A Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74HC4046A
Description  PHASE-LOCKED LOOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC4046A Datasheet(HTML) 3 Page - Integral Corp.

  IN74HC4046A Datasheet HTML 1Page - Integral Corp. IN74HC4046A Datasheet HTML 2Page - Integral Corp. IN74HC4046A Datasheet HTML 3Page - Integral Corp. IN74HC4046A Datasheet HTML 4Page - Integral Corp. IN74HC4046A Datasheet HTML 5Page - Integral Corp. IN74HC4046A Datasheet HTML 6Page - Integral Corp. IN74HC4046A Datasheet HTML 7Page - Integral Corp. IN74HC4046A Datasheet HTML 8Page - Integral Corp. IN74HC4046A Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IN74HC4046A
3
[Phase Comparator Section]
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
DC Coupled
SIGIN , COMPIN
VOUT= 0.1 V or VCC-0.1 V
IOUT≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.1
5
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input Voltage
DC Coupled
SIGIN , COMPIN
VOUT=0.1 V or VCC-0.1 V
IOUT ≤ 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.3
5
1.8
0.5
1.35
1.8
V
VOH
Minimum High-
Level Output
Voltage PCPOUT,
PCnOUT
VIN=VIH or VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN= VIH or VIL
IOUT ≤ 4.0 mA
IOUT ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.8
4
5.3
4
3.7
5.2
VOL
Maximum Low-
Level Output
Voltage Qa-Qh
PCPOUT, PCnOUT
VIN=VIH or VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIH or VIL
IOUT ≤ 4.0 mA
IOUT ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.3
3
0.3
3
0.4
0.4
IIN
Maximum Input
Leakage Current
SIGIN , COMPIN
VIN=VCC or GND
2.0
3.0
4.5
6.0
±3.0
±7.0
±18.0
±30.0
±4.
0
±9.
0
±23
.0
±38
.0
±5.0
±11.
0
±27.
0
±45.
0
µA
IOZ
Maximum Three-
State Leakage
Current PC2OUT
Output in High-
Impedance State
VIN= VIL or VIH
VOUT=VCC or GND
6.0
±0.5
±5.
0
±10
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
(VCO disabled)
Pins 3,5 and 14 at
VCC
Pin 9 at GND; Input
Leacage at
Pin 3 and 14 to be
excluded
VIN=VCC or GND
IOUT=0µA
6.0
4.0
40
160
µA


Similar Part No. - IN74HC4046A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC4046A IKSEMICON-IN74HC4046A Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
IN74HC4046AD IKSEMICON-IN74HC4046AD Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
IN74HC4046AN IKSEMICON-IN74HC4046AN Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC4046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com