Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC4046A Datasheet(PDF) 10 Page - Integral Corp.

Part # IN74HC4046A
Description  PHASE-LOCKED LOOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC4046A Datasheet(HTML) 10 Page - Integral Corp.

Back Button IN74HC4046A Datasheet HTML 3Page - Integral Corp. IN74HC4046A Datasheet HTML 4Page - Integral Corp. IN74HC4046A Datasheet HTML 5Page - Integral Corp. IN74HC4046A Datasheet HTML 6Page - Integral Corp. IN74HC4046A Datasheet HTML 7Page - Integral Corp. IN74HC4046A Datasheet HTML 8Page - Integral Corp. IN74HC4046A Datasheet HTML 9Page - Integral Corp. IN74HC4046A Datasheet HTML 10Page - Integral Corp. IN74HC4046A Datasheet HTML 11Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IN74HC4046A
10
Figure 10. Offset Voltage at Demodulator
Output as a Function of VCOIN and RS
Figure 11A. Frequency Stability versus
Ambient Temperature: VCC = 3.0 V
Figure 11B. Frequency Stability versus
Ambient Temperature: VCC = 4.5 V
Figure 11C. Frequency Stability versus
Ambient Temperature: VCC = 6.0 V
Figure 12A. VCO Frequency (fVCO) as a
Function of the VCO Input Voltage (VVCOIN)
Figure 12B. VCO Frequency (fVCO) as a
Function of the VCO Input Voltage (VVCOIN)


Similar Part No. - IN74HC4046A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC4046A IKSEMICON-IN74HC4046A Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
IN74HC4046AD IKSEMICON-IN74HC4046AD Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
IN74HC4046AN IKSEMICON-IN74HC4046AN Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC4046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com