Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC4046AN Datasheet(PDF) 8 Page - Integral Corp.

Part # IN74HC4046AN
Description  PHASE-LOCKED LOOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC4046AN Datasheet(HTML) 8 Page - Integral Corp.

Back Button IN74HC4046AN Datasheet HTML 3Page - Integral Corp. IN74HC4046AN Datasheet HTML 4Page - Integral Corp. IN74HC4046AN Datasheet HTML 5Page - Integral Corp. IN74HC4046AN Datasheet HTML 6Page - Integral Corp. IN74HC4046AN Datasheet HTML 7Page - Integral Corp. IN74HC4046AN Datasheet HTML 8Page - Integral Corp. IN74HC4046AN Datasheet HTML 9Page - Integral Corp. IN74HC4046AN Datasheet HTML 10Page - Integral Corp. IN74HC4046AN Datasheet HTML 11Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IN74HC4046A
8
Figure 6. Logic Diagram for Phase Comparators
Phase Comparator 1
This comparator is a simple XOR gate
similar to the IN74HC86. Its operation is similar to
an overdriven balanced modulator. To maximize
lock range the input frequencies must have a 50%
duty cycle. Typical input and output waveforms
are shown in Figure 7. The output of the phase
detector feeds the loop filter which averages the
output voltage. The frequency range upon which
the PLL will lock onto if initially out of lock is
defined as the capture range.The capture range
for phase detector 1 is dependent on the loop
filter design. The capture range can be as large
as the lock range, which is equal to the VCO
frequency range.
To see how the detector operates, refer to
Figure 7. When two square wave signals are
applied to this comparator, an output waveform
(whose duty cycle is dependent on the phase
difference between the two signals) results. As
the phase difference increases, the output duty
cycle increases and the voltage after the loop filter
increases. In order to achieve lock when the PLL
input frequency increases, the VCO input voltage
must increase and the phase difference between
COMPIN and SIGIN will increase. At an input
frequency equal to fmin, the VCO input is at 0 V
Figure 7. Typical Waveforms for PLL Using
Phase Comparator 1
This requires the phase detector output to
be grounded; hence, the two input signals must
be in phase. When the input frequency is fmax, the
VCO input must be VCC and the phase detector
inputs must be 180 degrees out of phase.
The XOR is more susceptible to locking onto
harmonics of the SIGIN than the digital phase
detector 2. For instance, a signal 2 times the VCO
frequency results in the same output duty cycle as
a signal equal to the VCO frequency. The
difference is that the output frequency of the 2f
example is twice that of the other example. The
loop filter and VCO range should be designed to
prevent locking on to harmonics.
Phase Comparator 2
This detector is a digital memory network. It
consists of four flip-flops and some gating logic, a
three state output and a phase pulse output as
shown in Figure 6. This comparator acts only on
the positive edges of the input signals and is
independent of duty cycle.
Phase comparator 2 operates in such a
way as to force the PLL into lock with 0 phase
difference between the VCO output and the signal
input positive waveform edges. Figure 8 shows
some typical loop waveforms. First assume that
SIGIN is leading the COMPIN. This means that the
VCO’s frequency must be increased to bring its
leding edge into proper phase alignment. Thus
the phase detector 2 output is set high. This will
cause the loop filter to charge up the VCO input,
increasing the VCO frequency. Once the leading
edge of the COMPIN is detected, the output goes
TRI-STATE holding the VCO input at the loop
filter voltage. If the VCO still lags the SIGIN then
the phase detector will again charge up the VCO
input for the time between the leading edges of
both waveforms.
If the VCO leads the SIGIN then when the
leading edge of the VCO is seen; the output of the
phase comparator goes low. This discharges the
loop filter until the leading edge of the SIGIN is
detected at which time the output disables itself


Similar Part No. - IN74HC4046AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC4046AN IKSEMICON-IN74HC4046AN Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC4046AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com