Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM5428 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OM5428
Description  General purpose triggering circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM5428 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OM5428 Datasheet HTML 4Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 5Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 6Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 7Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 8Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 9Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 10Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 11Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2002 Nov 08
8
Integrated Electronic Solutions, Hendon, South Australia
Data Sheet
General purpose triggering circuit
OM5428
10 IMPORTANT: ELECTRICAL SAFETY WARNING
OM5428 circuit is connected to the mains electrical supply
and operates at voltages which need to be protected by
proper enclosure and protective covering. Application
circuits for OM5428 should be designed to conform to
relevant standards (such as IEC 65, or Australian
Standards AS3100, AS3250 and AS3300), it should only
be used in a manner that ensures the appliance in which
they are used complies with all relevant national safety and
other Standards.
It is recommended that a printed circuit board using this
integrated circuit be mounted with non-conductive clips,
and positioned such that the minimum creepage distances
from the assembly to accessible metal parts, and between
high voltage points cannot be transgressed.
It should be noted that as there are Mains Voltages on the
circuit board adequate labelling should be attached to
warn service personnel, and others, that this danger
exists.
A control board assembly should be mounted, preferably
vertically, with sufficient free air flow across its surface to
prevent the heat dissipated in various components from
causing an unacceptable rise in the ambient temperature.
The triac also needs to have an adequate heatsink, as
exceeding its rated maximum junction temperature can
result in loss of control, unpredictable behaviour, and
possible dangerous conditions.
The board should be mounted in a place that is clean and
dry at all times, not subject to condensation or the
accumulation of dust and other contaminants.
11 APPLICATION INFORMATION
The reliability of modern triacs has
given a strong impetus to the
introduction of electronic power
control in industrial as well as
non-industrial areas. Because of the
low cost of these devices and
simplification in trigger circuitry,
electronic power control now enjoys a
host of applications such as electronic
household cookers, panel radiators,
fans, hobby tools, and even vacuum
cleaners.
The general purpose trigger circuit
OM5428, referred to as a trigger
module, supplies the pulses for gate
triggering triacs. This module is
connected to the mains via a dropping
resistor hence removing the need for
an expensive external supply.
The OM5428 is an inexpensive,
versatile trigger module and, being a
monolithic IC in 16-pin dual in-line
package, it takes up hardly any space
at all. It is ideally suited for
applications such as:
1.
On/off control: static switch.
On/off control is a method of
power control where triggering
should preferably occur
symmetrically with respect to the
zero crossing of the triac current
to avoid RF interference. That is,
triggering must start before the
current has dropped to the
holding value, and must continue
until the current has risen again
above the latching level. Under
these conditions radio
interference is kept at a minimum.
2.
Time proportional control:
temperature and motor speed
control.
Time proportional control is on/off
control with a fixed repetition rate
of load switching. The system is
called time proportional because
the power in the load averaged
over the repetition period is
varied. This system provides
more accurate temperature
control, avoiding the overshoot
which is inherent in on/off control.
Triggering conditions are the
same as for on/off control.
3.
Phase control: single phase
control (full cycle).
Phase control is stepless control
of output power by varying the
conduction angle of the triac, 180
degree conduction corresponding
to full output power. Step
changes in triac voltage and
current during turn-on give rise to
RF interference. Appropriate RF
interference suppression
methods need to be applied for all
phase triggered loads.
It should be noted that phase
control is not permitted for
heating purposes.


Similar Part No. - OM5428

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM5001ST IRF-OM5001ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
OM5001ST IRF-OM5001ST Datasheet
39Kb / 2P
   15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5001ST IRF-OM5001ST_15 Datasheet
39Kb / 2P
   15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5002ST IRF-OM5002ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
OM5003ST IRF-OM5003ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
More results

Similar Description - OM5428

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TCA280B PHILIPS-TCA280B Datasheet
604Kb / 12P
   General-purpose triggering circuit
September 1990
TDA1023 PHILIPS-TDA1023 Datasheet
266Kb / 19P
   Proportional-control triac triggering circuit
May 1991
logo
List of Unclassifed Man...
TCA280A ETC1-TCA280A Datasheet
622Kb / 13P
   GENERAL PURPOSE TRIGGER CIRCUIT
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
TEMIC Semiconductors
U211B2 TEMIC-U211B2 Datasheet
322Kb / 20P
   Phase Control Circuit - General Purpose Feedback
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
logo
NTE Electronics
NTE1103 NTE-NTE1103 Datasheet
22Kb / 2P
   Integrated Circuit General Purpose, Low Noise Preamplifier
logo
Keysight Technologies
N5462B KEYSIGHT-N5462B Datasheet
5Mb / 8P
   Triggering and Decode
N8812A KEYSIGHT-N8812A Datasheet
1Mb / 7P
   SVID Protocol Triggering
N8812B KEYSIGHT-N8812B Datasheet
1Mb / 7P
   SVID Protocol Triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com