Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1944R Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD1944R
Description  IEEE1394 3-port 200Mbps Cable Transceiver/Arbiter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1944R Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD1944R Datasheet HTML 7Page - Sony Corporation CXD1944R Datasheet HTML 8Page - Sony Corporation CXD1944R Datasheet HTML 9Page - Sony Corporation CXD1944R Datasheet HTML 10Page - Sony Corporation CXD1944R Datasheet HTML 11Page - Sony Corporation CXD1944R Datasheet HTML 12Page - Sony Corporation CXD1944R Datasheet HTML 13Page - Sony Corporation CXD1944R Datasheet HTML 14Page - Sony Corporation CXD1944R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
–11–
CXD1944R
Name
Size
Type
Description
Physical-ID
6
R
The address number of this node. Determined during Self-ID.
R
1
R
Indicates that this node is the root.
CPS
1
R
Cable power status.
RHB
1
R/W
Root Holding Bit. Attempts to become the root during next bus reset if set to “1”.
IBR
1
R/W
Initiate Bus Reset. Generates bus reset when possible after being set to “1”.
Cleared after bus reset.
GC
6
R/W
Gap Count. Used to optimize gap time according to bus scale.
SPD
2
R
Indicates this node’s highest speed; 200Mbps when “01”, 100Mbps when “00”.
NP
4
R
Indicates the number of ports on this node.
ASTAT(n)
2
R
Indicates port n TPA status.
11 = Z, 01 = 1, 10 = 0, 00 = invalid
BSTAT(n)
2
R
Indicates port n TPB status.
11 = Z, 01 = 1, 10 = 0, 00 = invalid
Ch(n)
1
R
When the value is “1”, indicates that port n is the Child. “0” indicates Parent.
Con(n)
1
R
When the value is “1”, indicates that the active cable is connected to port n.
P(n) Fast
1
R
When the value is “1”, indicates that port n supports 200Mbps.
LoopInt
1
R/W
This is set to “1” when Tree-ID is not completed in time, which means that the
bus may be forming a loop.
CPStatInt
1
R/W
Indicates a drop in cable power line voltage.
CPStat
1
R
Same as CPS.
IDidIt
1
R
Indicates that this node generates the last bus reset. More than one node
may set this value.
IllegalReq
1
R
Indicates an illegal LReq is detected.
ChipRev
4
R
Indicates the chip revision number.
Slow Pin
1
R
Indicates XSLOW pin is set to LOW.
Slow Bit
1
R/W
When set to “1”, the node acts as a 100Mbps PHY. Default is “0”.
ArbRstReq
1
R/W
Initiate the arbitrated bus reset. Cleared after bus reset.
Ping Timer
16
R
50MHz Ping Timer count. A count starts when a configuration packet is trans-
mitted and stops when the first packet is received. The value may not be cleared
until the next configuration packet is sent.


Similar Part No. - CXD1944R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1947Q SONY-CXD1947Q Datasheet
66Kb / 4P
   IEEE1394 LINK Layer / PCI Bridge LSI
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
More results

Similar Description - CXD1944R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41BA3 TI-TSB41BA3 Datasheet
884Kb / 63P
[Old version datasheet]   IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com