Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWD490MJA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HWD490MJA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD490MJA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HWD490MJA Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD490MJA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
30
0
02.5
OUTPUT CURRENT vs.
RECEIVER OUTPUT LOW VOLTAGE
5
25
OUTPUT LOW VOLTAGE (V)
1.5
15
10
0.5
1.0
2.0
20
35
40
45
0.9
0.1
-50
-25
25
75
RECEIVER OUTPUT LOW VOLTAGE vs.
TEMPERATURE
0.3
0.7
TEMPERATURE (°C)
050
0.5
0.8
0.2
0.6
0.4
0
100
125
IRO = 8mA
-20
-4
1.5
2.0
3.0
5.0
OUTPUT CURRENT vs.
RECEIVER OUTPUT HIGH VOLTAGE
-8
-16
OUTPUT HIGH VOLTAGE (V)
2.5
4.0
-12
-18
-6
-14
-10
-2
0
3.5
4.5
4.8
3.2
-50
-25
25
75
RECEIVER OUTPUT HIGH VOLTAGE vs.
TEMPERATURE
3.6
4.4
TEMPERATURE (°C)
050
4.0
4.6
3.4
4.2
3.8
3.0
100
125
IRO = 8mA
90
0
01.0
3.04.5
DRIVER OUTPUT CURRENT vs.
DIFFERENTIAL OUTPUT VOLTAGE
10
70
DIFFERENTIAL OUTPUT VOLTAGE (V)
2.0
4.0
50
30
80
60
40
20
0.5
1.5
2.5
3.5
2.3
1.5
-50
-25
25
125
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
1.7
2.1
TEMPERATURE (
°C)
075
1.9
2.2
1.6
2.0
1.8
100
50
2.4
R = 54
__________________________________________Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)
NOTES FOR ELECTRICAL/SWITCHING CHARACTERISTICS
Note 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device
ground unless otherwise specified.
Note 2: All typical specifications are given for VCC = 5V and TA = +25°C.
Note 3: Supply current specification is valid for loaded transmitters when DE = 0V.
Note 4: Applies to peak current. See Typical Operating Characteristics.
Note 5: The HWD481/HWD483/HWD487 are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less
than 50ns, the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are
guaranteed to have entered shutdown. See Low-Power Shutdown Mode section.
5


Similar Part No. - HWD490MJA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD43 ETC2-HWD43 Datasheet
892Kb / 1P
   1/2 WATT METAL
HWD4558 ETC1-HWD4558 Datasheet
278Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
HWD4558M ETC1-HWD4558M Datasheet
278Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
HWD4558P ETC1-HWD4558P Datasheet
278Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
HWD47 ETC2-HWD47 Datasheet
892Kb / 1P
   1/2 WATT METAL
More results

Similar Description - HWD490MJA

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
KODENSHI_AUK CORP.
KKX485 KODENSHI-KKX485 Datasheet
305Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com