Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX4245 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX4245
Description  Dual Supply Octal Translating Transceiver with 3?뭆tate Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4245 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX4245 Datasheet HTML 1Page - ON Semiconductor MC74LVX4245 Datasheet HTML 2Page - ON Semiconductor MC74LVX4245 Datasheet HTML 3Page - ON Semiconductor MC74LVX4245 Datasheet HTML 4Page - ON Semiconductor MC74LVX4245 Datasheet HTML 5Page - ON Semiconductor MC74LVX4245 Datasheet HTML 6Page - ON Semiconductor MC74LVX4245 Datasheet HTML 7Page - ON Semiconductor MC74LVX4245 Datasheet HTML 8Page - ON Semiconductor MC74LVX4245 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74LVX4245
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCCA,
VCCB
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
OE, T/R
−0.5 to VCCA +0.5
V
VI/O
DC Input/Output Voltage
An
−0.5 to VCCA +0.5
V
Bn
−0.5 to VCCB +0.5
V
IIK
DC Input Diode Current
OE, T/R
±20
VI < GND
mA
IOK
DC Output Diode Current
±50
VO < GND; VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC,
IGND
DC Supply Current
Per Output Pin
Maximum Current at ICCA
Maximum Current at ICCB
±50
±200
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
Latchup
DC Latchup Source/Sink Current
±300
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCCA,
VCCB
Supply Voltage
VCCA
VCCB
4.5
2.7
5.5
3.6
V
VI
Input Voltage
OE, T/R
0
VCCA
V
VI/O
Input/Output Voltage
An
Bn
0
0
VCCA
VCCB
V
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Minimum Input Edge Rate
VIN from 30% to 70% of VCC; VCC at 3.0V, 4.5V, 5.5V
0
8
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = 25°C
TA = −40 to +85°C
Symbol
Parameter
Condition
VCCA
VCCB
Typ
Guaranteed Limits
Unit
VIHA
Minimum HIGH
Level
It V lt
An,OE
T/R
VOUT ≤ 0.1V
or
5.5
4.5
3.3
3.3
2.0
2.0
2.0
2.0
V
VIHB
Input Voltage
Bn
or
≥ VCC − 0.1V
5.0
5.0
3.6
2.7
2.0
2.0
2.0
2.0
V
VILA
Maximum LOW
Level
It V lt
An,OE
T/R
VOUT ≤ 0.1V
or
5.5
4.5
3.3
3.3
0.8
0.8
0.8
0.8
V
VILB
Input Voltage
Bn
or
≥ VCC − 0.1V
5.0
5.0
2.7
3.6
0.8
0.8
0.8
0.8
V
VOHA
Minimum HIGH
Level
Ot
t V lt
IOUT = −100mA
IOH = −24mA
4.5
4.5
3.0
3.0
4.50
4.25
4.40
3.86
4.40
3.76
V
VOHB
Output Voltage
IOUT = −100mA
IOH = −12mA
IOH = −8mA
4.5
4.5
4.5
3.0
3.0
2.7
2.99
2.80
2.50
2.9
2.4
2.4
2.9
2.4
2.4
V
VOLA
Maximum LOW
Level
Ot
t V lt
IOUT = 100mA
IOL = 24mA
4.5
4.5
3.0
3.0
0.002
0.18
0.10
0.36
0.10
0.44
V
VOLB
Output Voltage
IOUT = 100mA
IOL = 12mA
IOL = 8mA
4.5
4.5
4.5
3.0
3.0
2.7
0.002
0.1
0.1
0.10
0.31
0.31
0.10
0.40
0.40
V


Similar Part No. - MC74LVX4245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX4245 MOTOROLA-MC74LVX4245 Datasheet
132Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245 Datasheet
104Kb / 10P
   Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
logo
Motorola, Inc
MC74LVX4245DT MOTOROLA-MC74LVX4245DT Datasheet
132Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX4245DTG ONSEMI-MC74LVX4245DTG Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
MC74LVX4245DTG ONSEMI-MC74LVX4245DTG Datasheet
104Kb / 10P
   Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
More results

Similar Description - MC74LVX4245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
74LVC4245A NXP-74LVC4245A Datasheet
112Kb / 17P
   Octal dual supply translating transceiver; 3-state
Rev. 06-18 January 2008
logo
Nexperia B.V. All right...
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_11 Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
MC74LVX4245 ONSEMI-MC74LVX4245_17 Datasheet
104Kb / 10P
   Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
MC74AC245 ONSEMI-MC74AC245_06 Datasheet
112Kb / 10P
   Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
   Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
MC74AC646 ONSEMI-MC74AC646_06 Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR2G ONSEMI-MC74AC646DWR2G Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com