Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5311-H Datasheet(PDF) 2 Page - AUK corp

Part # SR5311-H
Description  High Brightness LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR5311-H Datasheet(HTML) 2 Page - AUK corp

  SR5311-H Datasheet HTML 1Page - AUK corp SR5311-H Datasheet HTML 2Page - AUK corp SR5311-H Datasheet HTML 3Page - AUK corp SR5311-H Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KLR-4005-000
2
SR5311-H / SR5311-H(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
70
mW
Forward Current
IF
30
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-20∼85
Storage Temperature
Tstg
-30∼100
*2Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Forward Voltage
VF
IF= 20mA
-
2.1
2.5
V
*3Luminous Intensity
IV
IF= 20mA
100
-
520
mcd
Peak Wavelength
λP
IF= 20mA
-
660
-
nm
Spectrum Bandwidth
Δ λ
IF= 20mA
-
20
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*4Half Angle
θ1/2
IF= 20mA
-
±11
-
deg
*3. Luminous Intensity Maximum tolerance for each Grade Classification limit is ±18%
*3. Luminous Intensity classification
L
M
N
O
100~155
155~230
230~350
350~520
*4.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Similar Part No. - SR5311-H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SR5311-H KODENSHI-SR5311-H Datasheet
108Kb / 3P
   Colorless transparency lens
More results

Similar Description - SR5311-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com