Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4001 Datasheet(PDF) 1 Page - Semikron International

Part # 1N4001
Description  Standard silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

1N4001 Datasheet(HTML) 1 Page - Semikron International

  1N4001 Datasheet HTML 1Page - Semikron International 1N4001 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Standard silicon rectifier
diodes
1N 4001...1N 4007, 1N 4007-1300
Forward Current: 1 A
Reverse Voltage: 50 to 1300 V
Features
Mechanical Data
1)
2)
3)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
1N 4001...1N 4007, 1N 4007-1300
1
08-04-2005 SCT
© by SEMIKRON


Similar Part No. - 1N4001

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
First Components Intern...
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - 1N4001

ManufacturerPart #DatasheetDescription
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
SM5400 SEMIKRON-SM5400 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
EM513 SEMIKRON-EM513_06 Datasheet
134Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059_06 Datasheet
133Kb / 2P
   Standard silicon rectifier diodes
BY226S SEMIKRON-BY226S_06 Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059 Datasheet
129Kb / 2P
   Standard silicon rectifier diodes
S1A SEMIKRON-S1A Datasheet
111Kb / 2P
   Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A_11 Datasheet
453Kb / 2P
   Standard silicon rectifier diodes
P2500ATL SEMIKRON-P2500ATL Datasheet
452Kb / 2P
   Standard silicon rectifier diodes
P1200A SEMIKRON-P1200A_10 Datasheet
443Kb / 2P
   Standard silicon rectifier diodes
P600A SEMIKRON-P600A Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com