Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV5822US Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTXV5822US
Description  3 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV5822US Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTXV5822US Datasheet HTML 1Page - Microsemi Corporation JANTXV5822US Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
149
CDI
WORKING PEAK
MAXIMUM REVERSE
TYPE
REVERSE
MAXIMUM FORWARD VOLTAGE
LEAKAGE CURRENT
NUMBER
VOLTAGE
AT RATED VOLTAGE
V
RWM
V
F @ 1.0A
V
F @ 3.0A
V
F @ 9.4A
I
R @ 25°C
I
R @ 100°C
VOLTS
VOLTS
VOLTS
VOLTS
mA
mA
1N5820US
20
0.40
0.50
0.70
0.10
12.5
1N5821US
30
0.40
0.50
0.70
0.10
12.5
1N5822US
40
0.40
0.50
0.70
0.10
12.5
J,JX, JV & JS
40
0.40
0.50
0.70
0.10
12.5
5822US
• 1N5822US AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/620
• 3 AMP SCHOTTKY BARRIER RECTIFIERS
• HERMETICALLY SEALED
• LEADLESS PACKAGE FOR SURFACE MOUNT
• METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
DESIGN DATA
CASE: D-5B, Hermetically sealed glass
case, PER MIL-PRF 19500/620
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
10 ÞC/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 3
ÞC/W maximum
POLARITY: Cathode end is banded.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) of this device is approximately
+ 4PPM / °C. The COE of the Mounting
Surface System should be selected to
provide a suitable match with this
device.
MAXIMUM RATINGS
Operating Temperature: -65°C to +125°C
Storage Temperature: -65°C to +150°C
Average Rectified Forward Current: 3.0 AMP, TEC = +55°C
Derating: 43 mA / °C above TEC = +55°C
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
1N5820US
thru
1N5822US
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN MAX
D
3.48
3.76
.137
.148
F
0.48
0.71
0.019 0.028
G
5.08
5.72
.200
.225
S
0.03MIN.
.001MIN.
FIGURE 1


Similar Part No. - JANTXV5822US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV5819UR-1 MICROSEMI-JANTXV5819UR-1 Datasheet
48Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - JANTXV5822US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5822 MICROSEMI-1N5822 Datasheet
45Kb / 2P
   3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SK307 DEC-SK307 Datasheet
104Kb / 2P
   3 AMP SCHOTTKY BARRIER RECTIFIERS
SK302 DEC-SK302 Datasheet
408Kb / 2P
   3 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-302-1B DEC-SBDA-302-1B Datasheet
411Kb / 2P
   3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Compensated Deuices Inc...
1N5820US CDI-DIODE-1N5820US Datasheet
39Kb / 2P
   3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
1N5820 DEC-1N5820 Datasheet
381Kb / 2P
   3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
VSK340 ETC-VSK340 Datasheet
332Kb / 4P
   3 Amp Schottky Barrier Rectifiers
logo
Compensated Deuices Inc...
1N5822 CDI-DIODE-1N5822 Datasheet
36Kb / 2P
   3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5820 MICROSEMI-1N5820 Datasheet
1Mb / 8P
   3 Amp Axial Schottky Barrier Rectifiers
1N5820US MICROSEMI-1N5820US_V01 Datasheet
1Mb / 8P
   3 Amp SQ-MELF Schottky Barrier Rectifiers
Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com