Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1188R Datasheet(PDF) 10 Page - Rohm

Part # 2SB1188R
Description  MEDIUM POWER TRANSISTOR(-32V, -2A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1188R Datasheet(HTML) 10 Page - Rohm

Back Button 2SB1188R Datasheet HTML 3Page - Rohm 2SB1188R Datasheet HTML 4Page - Rohm 2SB1188R Datasheet HTML 5Page - Rohm 2SB1188R Datasheet HTML 6Page - Rohm 2SB1188R Datasheet HTML 7Page - Rohm 2SB1188R Datasheet HTML 8Page - Rohm 2SB1188R Datasheet HTML 9Page - Rohm 2SB1188R Datasheet HTML 10Page - Rohm 2SB1188R Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image


Similar Part No. - 2SB1188R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1188 ROHM-2SB1188 Datasheet
93Kb / 4P
   Medium power Transistor(-32V, -2A)
logo
WILLAS ELECTRONIC CORP
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SB1188 ROHM-2SB1188 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
2SB1188 ROHM-2SB1188 Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results

Similar Description - 2SB1188R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
   Medium power transistor (32V, 2A)
logo
Rohm
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
   Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
   Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
   Medium Power Transistor (32V, 2A)
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
   Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com