Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BI6-02 Datasheet(PDF) 1 Page - Semikron International

Part # BI6-02
Description  One-Phase Si-Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

BI6-02 Datasheet(HTML) 1 Page - Semikron International

  BI6-02 Datasheet HTML 1Page - Semikron International BI6-02 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inline bridge
One-Phase Si-Bridge
Rectifiers
BI 6-005 ... BI 6-16
Forward Current: 6 A
Reverse Voltage: 50 to 1600 V
Publish Data
Features
Mechanical Data
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
BI 6-005 ... BI 6-16 ...
1
15-10-2004 SCT
© by SEMIKRON


Similar Part No. - BI6-02

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI6-EG12FE-AN6X TURCK-BI6-EG12FE-AN6X Datasheet
251Kb / 3P
   Inductive Sensor – Stainless Steel Front
11/07/2023
BI6-EG12FE-AN6X-H1141 TURCK-BI6-EG12FE-AN6X-H1141 Datasheet
266Kb / 3P
   Inductive Sensor – Stainless Steel Front
11/07/2023
BI6-EG12FE-AP6X TURCK-BI6-EG12FE-AP6X Datasheet
250Kb / 3P
   Inductive Sensor – Stainless Steel Front
11/07/2023
BI6-EG12FE-AP6X-H1141 TURCK-BI6-EG12FE-AP6X-H1141 Datasheet
266Kb / 3P
   Inductive Sensor – Stainless Steel Front
11/07/2023
BI6-EG12FE-RN6X TURCK-BI6-EG12FE-RN6X Datasheet
249Kb / 3P
   Inductive Sensor – Stainless Steel Front
11/07/2023
More results

Similar Description - BI6-02

ManufacturerPart #DatasheetDescription
logo
Semikron International
BI15-005 SEMIKRON-BI15-005 Datasheet
195Kb / 2P
   One-Phase Si-Bridge Rectifiers
BI25-005 SEMIKRON-BI25-005 Datasheet
195Kb / 2P
   One-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005_07 Datasheet
68Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB25005 DIOTEC-DB25005 Datasheet
179Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI25005A DIOTEC-DBI25005A_13 Datasheet
139Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com