Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV256-45T Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC62LV256-45T
Description  32K x 8 Low Power SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV256-45T Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

  IC62LV256-45T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV256-45T Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IC62LV256
Integrated Circuit Solution Inc.
7
ALSR007-0A 10/5/2001
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2,3) (Over Operating Range)
-45 ns
-70 ns
-100 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
45
70
100
ns
tSCE
CE to Write End
35
60
80
ns
tAW
Address Setup Time to Write End
25
60
80
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWE(4)
WE Pulse Width
25
55
60
ns
tSD
Data Setup to Write End
20
30
35
ns
tHD
Data Hold from Write End
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured
±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the Write.
4. Tested with
OE HIGH.
AC WAVEFORMS
WRITE CYCLE NO. 1 (
WE
WE
WE
WE
WE Controlled)(1,2)
DATA-IN VALID
DATA UNDEFINED
tWC
tSCE
tAW
tHA
tPWE
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CE
WE
DOUT
DIN


Similar Part No. - IC62LV256-45T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100B ICSI-IC62LV25616L-100B Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100BI ICSI-IC62LV25616L-100BI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100T ICSI-IC62LV25616L-100T Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100TI ICSI-IC62LV25616L-100TI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV256-45T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
   LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com