Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74ACT125D Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT125D
Description  Quad 3-State Noninverting Buffers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT125D Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT125D Datasheet HTML 1Page - Integral Corp. IN74ACT125D Datasheet HTML 2Page - Integral Corp. IN74ACT125D Datasheet HTML 3Page - Integral Corp. IN74ACT125D Datasheet HTML 4Page - Integral Corp. IN74ACT125D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IN74ACT125
Quad 3-State Noninverting Buffers
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
IN74ACT125N Plastic
IN74ACT125D SOIC
TA = -40° to 85° C for all packages
The IN74ACT125 is identical in pinout to the LS/ALS125, HC/HCT125.
The IN74ACT125 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
The IN74ACT125 noninverting buffers are designed to be used with 3-
state memory address drivers, clock drivers, and other bus-oriented systems.
The devices have four separate output enables that are active-low.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
OE
Y
H
L
H
L
L
L
X
H
Z
X = don’t care
Z = high impedance
1


Similar Part No. - IN74ACT125D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT125D IKSEMICON-IN74ACT125D Datasheet
186Kb / 5P
   Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT125D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
   Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
MC74HC126ANG ONSEMI-MC74HC126ANG Datasheet
148Kb / 8P
   Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com