Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV256-70J Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC62LV256-70J
Description  32K x 8 Low Power SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV256-70J Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC62LV256-70J Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IC62LV256
Integrated Circuit Solution Inc.
3
ALSR007-0A 10/5/2001
PIN CONFIGURATION
28-Pin DIP, SOJ and SOP
PIN CONFIGURATION
8x13.4mm TSOP-1
PIN DESCRIPTIONS
A0-A14
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vcc
Power
GND
Ground
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
I/O Operation
Vcc Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
(Power-down)
Output Disabled
H
L
H
High-Z
ICC1, ICC2
Read
H
L
L
DOUT
ICC1, ICC2
Write
L
L
X
DIN
ICC1, ICC2
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +4.6
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
0.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3


Similar Part No. - IC62LV256-70J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100B ICSI-IC62LV25616L-100B Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100BI ICSI-IC62LV25616L-100BI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100T ICSI-IC62LV25616L-100T Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100TI ICSI-IC62LV25616L-100TI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV256-70J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
   LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com