Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9424EGJ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9424EGJ
Description  Lowest Jitter Quad PECL-to-ECL Differential Translators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9424EGJ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9424EGJ Datasheet HTML 1Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 2Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 3Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 4Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 5Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 6Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 7Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 8Page - Maxim Integrated Products MAX9424EGJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX9424–MAX9427 high-speed, low-skew quad
PECL-to-ECL translators are designed for high-speed
data and clock driver applications. These devices feature
an ultra-low 0.24ps(RMS) random jitter and channel-to-
channel skew is less than 90ps in asynchronous mode.
The four channels can be operated synchronously with
an external clock, or in asynchronous mode determined
by the state of the SEL input. An enable input provides
the ability to force all the outputs to a differential low state.
The parts differ from one another by their input and out-
put termination options. The input options are an open
input or an internal differential 100
Ω termination. The
output options are an open-emitter output or a series
50
Ω termination. See Ordering Information.
The MAX9424–MAX9427 operate from a positive voltage
supply of +2.375V to +5.5V, and a negative supply volt-
age of -2.375V to -5.5V and operate across the extended
temperature range of -40°C to +85°C. They are offered in
32-pin 5mm x 5mm TQFP and space-saving 5mm x 5mm
QFN packages.
Applications
Data and Clock Driver and Buffer
Central Office Backplane Clock Distribution
DSLAM Backplane
Base Station
ATE
Features
o 0.24ps RMS Added Random Jitter
o 10ps Channel-to-Channel Skew in Synchronous
Mode
o Guaranteed 500mV Differential Output at 3GHz
Clock Frequency
o 420ps Propagation Delay in Asynchronous Mode
o Functionally Compatible with
SK4426 (MAX9424)
SK4430 (MAX9425)
SK4436 (MAX9426)
SK4440 (MAX9427)
o Integrated 50Ω Outputs (MAX9425/MAX9427)
o Integrated 100Ω Inputs (MAX9426/MAX9427)
o Synchronous/Asynchronous Operation
Lowest Jitter Quad PECL-to-ECL
Differential Translators
________________________________________________________________ Maxim Integrated Products
1
MAX9424
MAX9425
MAX9426
MAX9427
TQFP (5mm x 5mm)
TOP VIEW
32
28
29
30
31
25
26
27
10
13
15
14
16
11
12
9
17
18
19
20
21
22
23 OUT1
24 VGG
OUT1
VEE
VEE
OUT2
OUT2
VGG
2
3
4
5
6
7
8
VCC
EN
CLK
SEL
1
VCC
SEL
CLK
EN
17
18
19
20
21
22
23
VGG
NOTE: CORNER PINS ARE CONNECTED TO VGG.
OUT2
OUT2
VEE
VEE
OUT1
OUT1
8
7
6
5
4
3
2
VCC
EN
EN
CLK
CLK
SEL
SEL
MAX9424
MAX9425
MAX9426
MAX9427
QFN
1
VCC
24
VGG
TOP VIEW
*
*
*
*
Pin Configurations
Ordering Information
19-2390; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Future product—contact factory for availability.
PART
TEMP
RANGE
PIN-
PACKAGE
INPUT
(IN_,
IN_)
OUTPUT
(OUT_,
OUT_)
MAX9424EHJ -40°C to +85°C 32 TQFP
Open
Open
MAX9424EGJ* -40°C to +85°C 32 QFN
Open
Open
MAX9425EHJ -40°C to +85°C 32 TQFP
Open
50
MAX9425EGJ* -40°C to +85°C 32 QFN
Open
50
MAX9426EHJ -40°C to +85°C 32 TQFP
100
Open
MAX9426EGJ* -40°C to +85°C 32 QFN
100
Open
MAX9427EHJ -40°C to +85°C 32 TQFP
100
50
MAX9427EGJ* -40°C to +85°C 32 QFN
100
50


Similar Part No. - MAX9424EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9420EGJ MAXIM-MAX9420EGJ Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
More results

Similar Description - MAX9424EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com