Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9426EHJ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9426EHJ
Description  Lowest Jitter Quad PECL-to-ECL Differential Translators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9426EHJ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9426EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 10Page - Maxim Integrated Products MAX9426EHJ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Synchronous Operation
Setting SEL = low and SEL = high enables all four
channels to operate in synchronous mode where the
buffered inputs are clocked out simultaneously on the
rising edge of the differential clock input (CLK and
CLK). To have the input signals clocked out on the
falling edge, swap the clock lines.
Differential Signal Input
The maximum input signal magnitude for each of the
devices is VCC - VGG or 3.0V, whichever is less. This
includes IN_, IN_, CLK, CLK, SEL, SEL, EN and EN.
Applications Information
Input Bias
Bias any unused inputs as shown in Figure 5. This
avoids noise coupling that can cause toggling of the
unused outputs.
Output Termination
Terminate the open-emitter outputs (MAX9424/
MAX9426) through 50
Ω to VGG - 2V or use equivalent
Thevenin terminations. Terminate both outputs of a dif-
ferential pair and use identical termination on each for
the lowest output-to-output skew. When a single-ended
signal is taken from a differential output, terminate both
outputs. For example, if OUT0 is used as a single-
ended output, terminate both OUT0 and OUT0.
Ensure that output currents do not exceed the current
limits as specified in the Absolute Maximum Ratings.
Under all operating conditions, the device’s total ther-
mal limits should be observed.
Power-Supply Bypassing
Typically, VGG is directly connected to ground. Bypass
each VCC pin to VGG with high-frequency surface-mount
ceramic 0.01µF capacitors. Place these capacitors as
close to the device as possible. Use the same bypass
capacitor configuration between each VEE pin and VGG.
In high-frequency, high-noise environments, add a 0.1µF
capacitor in parallel with each 0.01µF capacitor.
Use multiple vias when connecting the bypass capaci-
tors to VGG (ground). This reduces trace inductance,
lowering power-supply bounce when drawing high
transient currents.
Circuit Board Traces
Circuit board trace layout is very important to maintain
the signal integrity of high-speed differential signals.
Maintaining integrity is accomplished in part by reduc-
ing signal reflections and skew, and increasing com-
mon-mode noise immunity.
Signal reflections are caused by discontinuities in the
50
Ω characteristic impedance of the traces. Avoid dis-
continuities by maintaining the distance between differ-
ential traces, not using sharp corners, and using vias.
Maintaining distance between the traces also increases
common-mode noise immunity. Reducing signal skew
is accomplished by matching the electrical length of
the differential traces.
Chip Information
TRANSISTOR COUNT: 882
PROCESS: Bipolar
Lowest Jitter Quad PECL-to-ECL
Differential Translators
_______________________________________________________________________________________
9
IN_
IN_
100
1k
VCC
VGG
1/4 MAX9424/MAX9425
OUT_
OUT_
IN_
IN_
1k
VCC
VGG
1/4 MAX9426/MAX9427
OUT_
OUT_
100
Figure 5. Input Bias Circuits for Unused Inputs


Similar Part No. - MAX9426EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9420EGJ MAXIM-MAX9420EGJ Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
More results

Similar Description - MAX9426EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com