Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL1648DR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EL1648DR2
Description  5 V ECL Voltage Controlled Oscillator Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648DR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EL1648DR2 Datasheet HTML 1Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 2Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 3Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 4Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 5Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 6Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 7Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 8Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC100EL1648
http://onsemi.com
5
GENERIC TEST CIRCUITS: Bypass to Supply Opposite GND
Figure 3. Typical Test Circuit with Alternate Tank Circuits
0.1
mF
C
L
8 (10)
1 (12)
4 (3)
VCC
*
Use high impedance probe (>1.0 M
W must be
used).
** The 1200
W resistor and the scope termination
impedance constitute a 25:1 attenuator probe.
Coax shall be CT−070−50 or equivalent.
3 (1)
2 (14)
C
L
4 (3)
VCC
3 (1)
2 (14)
VIN
FOUT
Tank #1
8 (10)
1 (12)
*
Note 1 Capacitor for tank may be variable type.
(See Tank Circuit #3.)
Note 2 Use high impedance probe (> 1 M
W ).
Test Point
FOUT
Tank #2
Tank Circuit Option #1, Varactor Diode
Tank Circuit Option #2, Fixed LC
L = Micro Metal torroid #T20−22, 8 turns #30
Enameled Copper wire (@ 40 nH)
C = MMBV609
L = Micro Metal torroid #T20−22, 8 turns #30
Enameled Copper wire (@ 40 nH)
C = 3.0−35pF Variable Capacitance (@ 10 pF)
0.1
mF0.1 mF
0.1
mF0.1 mF
8 pin (14 pin) Lead Package
8 pin (14 pin) Lead Package
**
5 (5)
6 (7) 7 (8)
VEE
0.1
mF 0.1 mF
0.01
mF
100
mF
5 (5)
6 (7) 7 (8)
VEE
0.1
mF 0.1 mF
0.01
mF
100
mF
1 K
W
50%
ta
tb
VP−P
PRF = 1.0MHz
Duty Cycle (Vdc) −
ta
tb
Figure 4. Output Waveform


Similar Part No. - MC100EL1648DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648DR2 ONSEMI-MC100EL1648DR2 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DR2 ONSEMI-MC100EL1648DR2 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648DR2G ONSEMI-MC100EL1648DR2G Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DR2G ONSEMI-MC100EL1648DR2G Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results

Similar Description - MC100EL1648DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_07 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
SYNERGY MICROWAVE CORPO...
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com