Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS221N Datasheet(PDF) 6 Page - ON Semiconductor

Part # SN74LS221N
Description  LOW POWER SCHOTTKY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS221N Datasheet(HTML) 6 Page - ON Semiconductor

  SN74LS221N Datasheet HTML 1Page - ON Semiconductor SN74LS221N Datasheet HTML 2Page - ON Semiconductor SN74LS221N Datasheet HTML 3Page - ON Semiconductor SN74LS221N Datasheet HTML 4Page - ON Semiconductor SN74LS221N Datasheet HTML 5Page - ON Semiconductor SN74LS221N Datasheet HTML 6Page - ON Semiconductor SN74LS221N Datasheet HTML 7Page - ON Semiconductor SN74LS221N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN74LS221
http://onsemi.com
6
AC WAVEFORMS
B INPUT
CLEAR
Q OUTPUT
Q OUTPUT
A INPUT IS LOW.
B INPUT
CLEAR
Q OUTPUT
A INPUT IS LOW.
B INPUT
CLEAR
Q OUTPUT
A INPUT IS LOW.
tW(in)
≥60 ns
tPLH
tPHL
tPLH
tPHL
1.3 V
3 V
0 V
3 V
0 V
VOH
VOL
VOH
VOL
≥60 ns
1.3 V
1.3 V
3 V
0 V
3 V
0 V
VOH
VOL
≥ 50 ns
≥ 0
ts
3 V
0 V
3 V
0 V
VOH
VOL
3 V
0 V
3 V
0 V
VOH
VOL
TRIGGERED
NOT TRIGGERED
≥50 ns
≥50 ns
B INPUT
CLEAR
Q OUTPUT
A INPUT IS LOW.
tW(out)
TRIGGER FROM B, THEN CLEAR — CONDITION 1
TRIGGER FROM B, THEN CLEAR — CONDITION 2
CLEAR OVERRIDING B, THEN TRIGGER FROM B
TRIGGERING FROM POSITIVE TRANSITION OF CLEAR
Figure 1.


Similar Part No. - SN74LS221N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS221N MOTOROLA-SN74LS221N Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LS221N TI-SN74LS221N Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221N TI-SN74LS221N Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221N TI-SN74LS221N Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221N TI1-SN74LS221N Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
More results

Similar Description - SN74LS221N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS74A ONSEMI-SN74LS74A Datasheet
102Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS76A ONSEMI-SN74LS76A Datasheet
93Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com