Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCQ5812AF Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # UCQ5812AF
Description  BiMOS II 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 Degrees Celcious TO 85 Degrees Celcious OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCQ5812AF Datasheet(HTML) 3 Page - Allegro MicroSystems

  UCQ5812AF Datasheet HTML 1Page - Allegro MicroSystems UCQ5812AF Datasheet HTML 2Page - Allegro MicroSystems UCQ5812AF Datasheet HTML 3Page - Allegro MicroSystems UCQ5812AF Datasheet HTML 4Page - Allegro MicroSystems UCQ5812AF Datasheet HTML 5Page - Allegro MicroSystems UCQ5812AF Datasheet HTML 6Page - Allegro MicroSystems UCQ5812AF Datasheet HTML 7Page - Allegro MicroSystems UCQ5812AF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5812-F
20-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVERS
FOR -40
°C TO +85°C OPERATION
www.allegromicro.com
ELECTRICAL CHARACTERISTICS over operating temperature range, at VBB = 60 V (unless
otherwise noted).
Limits @ VDD = 5 V
Limits @ VDD = 12 V
Characteristic
Symbol
Test Conditions
Mln.
Typ.
Max.
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 0 V, TA = +70°C
-5.0
-15
-5.0
-15
µA
Output Voltage
VOUT(1)
IOUT = -25 mA, VBB = 60 V
58
58.5
58
58.5
V
VOUT(0)
IOUT = 1 mA
2.0
3.0
———
V
IOUT = 2 mA
———
2.0
3.5
V
Output Pull-Down Current
IOUT(0)
VOUT = 5 V to VBB
2.0
3.5
———
mA
VOUT = 20 V to VBB
———
8.0
13
mA
Input Voltage
VIN(1)
3.5
5.3
10.5
12.3
V
VIN(0)
-0.3
+0.8
-0.3
+0.8
V
Input Current
IIN(1)
VIN = VDD
0.05
0.5
0.1
1.0
µA
IIN(0)
VIN = 0.8 V
-0.05
-0.5
-0.1
-1.0
µA
Serial Data
VOUT(1)
IOUT = -200 µA
4.5
4.7
11.7
11.8
V
VOUT(0)
IOUT = 200 µA
200
250
100
200
mV
Maximum Clock Frequency
fclk
3.3*
——
———
MHz
Supply Current
IDD(1)
All Outputs High
100
300
200
500
µA
IDD(0)
All Outputs Low
100
300
200
500
µA
IBB(1)
Outputs High, No Load
1.5
4.0
1.5
4.0
mA
IBB(0)
Outputs Low
10
100
10
100
µA
Blanking to Output Delay
tPHL
CL = 30 pF, 50% to 50%
2000
——
1000
ns
tPLH
CL = 30 pF, 50% to 50%
1000
——
850
ns
Output Fall Time
tf
CL = 30 pF, 90% to 10%
1450
——
650
ns
Output Rise Time
tr
CL = 30 pF, 10% to 90%
650
——
700
ns
Negative current is defined as coming out of (sourcing) the specified device pin.
* Operation at a clock frequency greater than the specified minimum value is possible but not warranteed.


Similar Part No. - UCQ5812AF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCQ5810AF ALLEGRO-UCQ5810AF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCQ5810LWF ALLEGRO-UCQ5810LWF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCQ5818 ALLEGRO-UCQ5818 Datasheet
166Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 C TO 85 C OPERATION
UCQ5818AF ALLEGRO-UCQ5818AF Datasheet
166Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 C TO 85 C OPERATION
UCQ5818EPF ALLEGRO-UCQ5818EPF Datasheet
166Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 C TO 85 C OPERATION
More results

Similar Description - UCQ5812AF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCQ5818 ALLEGRO-UCQ5818 Datasheet
166Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 C TO 85 C OPERATION
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com